Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 191 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 191 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 187Page - ITT Industries DAMMN7H2SN Datasheet HTML 188Page - ITT Industries DAMMN7H2SN Datasheet HTML 189Page - ITT Industries DAMMN7H2SN Datasheet HTML 190Page - ITT Industries DAMMN7H2SN Datasheet HTML 191Page - ITT Industries DAMMN7H2SN Datasheet HTML 192Page - ITT Industries DAMMN7H2SN Datasheet HTML 193Page - ITT Industries DAMMN7H2SN Datasheet HTML 194Page - ITT Industries DAMMN7H2SN Datasheet HTML 195Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
190
D Subminiature
Space/High Reliability
Cable (Size 8) Loose Contacts — Coaxial 50 Ohm — Straight
Straight Crimp Braid
Plug
Receptacle
Description
Part Number
50 in.
Gold Over Copper
A
max.
B
max.
D
min.
RG Cable Number
Old
New
Plug
DM53740-36
18,80 (.739)
24,00 (.945)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Receptacle
DM53742-37
18,80 (.739)
24,00 (.945)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Staight Solder Braid
Plug
Receptacle
Description
Part Number
50 in.
Gold Over Copper
A
max.
B
max.
D
min.
RG Cable Number
Old
New
Plug
DM53740-5147
18,80 (.739)
24,00 (.945)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Receptacle
DM53742-5127
18,80 (.739)
24,00 (.945)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Note: Dimensions include outer sleeve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com