Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 192 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 192 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 188Page - ITT Industries DAMMN7H2SN Datasheet HTML 189Page - ITT Industries DAMMN7H2SN Datasheet HTML 190Page - ITT Industries DAMMN7H2SN Datasheet HTML 191Page - ITT Industries DAMMN7H2SN Datasheet HTML 192Page - ITT Industries DAMMN7H2SN Datasheet HTML 193Page - ITT Industries DAMMN7H2SN Datasheet HTML 194Page - ITT Industries DAMMN7H2SN Datasheet HTML 195Page - ITT Industries DAMMN7H2SN Datasheet HTML 196Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
191
D Subminiature
Space/High Reliability
Cable (Size 8) Loose Contacts — High Power — Solder
Plug
Part Number
50 in. Gold Over Copper
Non-Magnetic
Part Number
50 in. Gold Over Copper
Non-Magnetic (European)
Part Number
50 in. Gold
Current Rating
Wire Size
DM53745-72
DM115224-1040A
DM53745-28
40 A
8 AWG
DM53745-77
DM115224-1020A
DM53745-27
20 A
12 AWG
DM53745-70
DM115224-1010A
DM53745-25
10 A
16 AWG
Receptacle
Part Number
50 in. Gold Over Copper
Non-Magnetic
Part Number
50 in. Gold Over Copper
Non-Magnetic (European)
Part Number
50 in. Gold
Current Rating
Wire Size
DM53744-62
DM115224-2040A
DM53744-21
40 A
8 AWG
DM53744-64
DM115224-2020A
DM53744-25
20 A
12 AWG
DM53744-63
DM115224-2010A
DM53744-24
10 A
16 AWG
Cable (Size 8) Loose Contacts — High Power — Crimp
Plug
Recommended Wire Trim Length
Part Number
50 in. Gold Over Copper
Non-Magnetic
Part Number
50 in. Gold
XA
max.
XB
max.
Part Number
50 in. Gold Over Copper
Non-Magnetic (European)
XA
min.
XB
max.
Current Rating
Wire Size
DM115224-3040
DM130338-1
4,60 (.181)
5,84 (.230)
DM115224-3040A
4,20 (.165)
5,80 (.228)
40 A
8 AWG
DM115224-3020
DM130339-1
2,54 (.100)
5,54 (.218)
DM115224-3020A
3,25 (.128)
4,70 (.185)
20 A
12 AWG
DM115224-3010
DM130340-1
1,07 (.067)
2,59 (.102)
DM115224-3010A
2,50 (.098)
3,80 (.150)
10 A
16 AWG
Receptacle
20,93 - 20,42
(.824 - .804)
Ø A
Ø B
Recommended Wire Trim Length
Part Number
50 in. Gold Over Copper
Non-Magnetic
Part Number
50 in. Gold
XA
max.
XB
max.
Part Number
50 in. Gold Over Copper
Non-Magnetic (European)
XA
min.
XB
max.
Current Rating
Wire Size
DM115224-4040
DM13041-1
4,60 (.181)
5,84 (.230)
DM115224-4040A
4,20 (.165)
5,80 (.228)
40 A
8 AWG
DM115224-4020
DM13042-1
2,54 (.100)
5,54 (.218)
DM115224-4020A
3,25 (.128)
4,70 (.185)
20 A
12 AWG
DM115224-4010
DM13043-1
1,07 (.067)
2,59 (.102)
DM115224-4010A
2,50 (.098)
3,80 (.150)
10 A
16 AWG
Crimp High Power Tooling
M300-BT
Crimp Tool/Locator
Wire Size
Crimp Tool
Tool Setting Number
Standard Contacts
Tool Setting Number
European Contacts
Locator
8 AWG
M300-BT
6
6
TP968
10 AWG
M300-BT
5
2
TP968
12 AWG
M300-BT
1
1
TP968



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com