Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 114 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 114 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 110Page - ITT Industries DAMMN7H2SN Datasheet HTML 111Page - ITT Industries DAMMN7H2SN Datasheet HTML 112Page - ITT Industries DAMMN7H2SN Datasheet HTML 113Page - ITT Industries DAMMN7H2SN Datasheet HTML 114Page - ITT Industries DAMMN7H2SN Datasheet HTML 115Page - ITT Industries DAMMN7H2SN Datasheet HTML 116Page - ITT Industries DAMMN7H2SN Datasheet HTML 117Page - ITT Industries DAMMN7H2SN Datasheet HTML 118Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
113
D Subminiature
Filter D
D*JK — 90
° PC Tails and Metal Brackets — Standard Footprint .318 or .283 inch
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For pushfit/boardlock configuration,
see page 225.
Part Numbers
Shell Size
Layout
Bracket,
#4-40 Nut
Bracket,
#4-40 Nut,
Boardlock
DE
9
DEJK9S*-1U7N
DEJK9S*-1U7N-146
DA
15
DAJK15S*-1U7N
DAJK15S*-1U7N-146
DB
25
DBJK25S*-1U7N
DBJK25S*-1U7N-146
DC
37
DCJK37S*-1U7N
DCJK37S*-1U7N-146
Insert filter designator *. Example DEJK9S4-1U7N-146 (For 1000 pF Filter Capacitance)
Note: For performance class 1, add -A190. Example: DEJK9S4-1U7N-A190-146
Filter Designator*
Filter Capacitance
1
330 pF
2
470 pF
3
680 pF
4
1000 pF
5
1500 pF
For electrical data, see page 106.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Engaging Face
15
8
9
1
BOARDLOCK
0,60 (.024)
D
E
B
C
A
10
°
2,89 (.114)
BRACKET,
METAL
BUSHING
2,84 (.112)
3,50 (.138)
7,19 (.283)
W
F
L
Boardlock removed for clarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com