Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 115 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 115 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 111Page - ITT Industries DAMMN7H2SN Datasheet HTML 112Page - ITT Industries DAMMN7H2SN Datasheet HTML 113Page - ITT Industries DAMMN7H2SN Datasheet HTML 114Page - ITT Industries DAMMN7H2SN Datasheet HTML 115Page - ITT Industries DAMMN7H2SN Datasheet HTML 116Page - ITT Industries DAMMN7H2SN Datasheet HTML 117Page - ITT Industries DAMMN7H2SN Datasheet HTML 118Page - ITT Industries DAMMN7H2SN Datasheet HTML 119Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
114
D Subminiature
Filter D
D*JK — 90
° PC Tails and Metal Brackets — European Footprint 10,2 or 9,4 mm
Plug
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For pushfit/boardlock configuration,
see page 225.
Filter Designator*
Filter Capacitance
1
330 pF
2
470 pF
3
680 pF
4
1000 pF
5
1500 pF
For electrical data, see page 106.
Part Numbers
Bushing with
Through Hole
Captive Nut
#4-40 UNC
Captive Nut
M3
Post
#4-40 UNC
Post
M3
DEJK9P*-1AFN
DEJK9P*-1A7N
DEJK9P*-1A9N
DEJK9P*-1A8N
DEJK9P*-1AHN
DAJK15P*-1AFN
DAJK15P*-1A7N
DAJK15P*-1A9N
DAJK15P*-1A8N
DAJK15P*-1AHN
DBJK25P*-1AFN
DBJK25P*-1A7N
DBJK25P*-1A9N
DBJK25P*-1A8N
DBJK25P*-1AHN
DCJK37P*-1AFN
DCJK37P*-1A7N
DCJK37P*-1A9N
DCJK37P*-1A8N
DCJK37P*-1AHN
* Insert filter designator. Example: DEJK9P4-1A7N (For 1000 pF capacitance)
Notes: For performance class 1 add -A190. Example: DEJK9P1-1AFN-A190
For pushfit/boardlocks add -146. Example: DEJK9P1-1AFN-A190-146
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Engaging Face
Boardlock removed for clarity
A
C
B
D
E
1,00 (.039)
Ø 0,60 (.024)
10
°
8
1
15
9
BOARDLOCK
2,89 (.114)
BRACKET,
METAL
BUSHING
3,70 (.146)
9,40 (.370)
2,54 (.100)
W
F
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com