Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 155 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 155 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 151Page - ITT Industries DAMMN7H2SN Datasheet HTML 152Page - ITT Industries DAMMN7H2SN Datasheet HTML 153Page - ITT Industries DAMMN7H2SN Datasheet HTML 154Page - ITT Industries DAMMN7H2SN Datasheet HTML 155Page - ITT Industries DAMMN7H2SN Datasheet HTML 156Page - ITT Industries DAMMN7H2SN Datasheet HTML 157Page - ITT Industries DAMMN7H2SN Datasheet HTML 158Page - ITT Industries DAMMN7H2SN Datasheet HTML 159Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
154
D Subminiature
Military/High Reliability
40 A High Power 90
° PCB (Sizes DE-DC)
Part Numbers with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMP5H1PJ
DEMMC5H1PJ
DEMMD5H1PJ
DEMMG5H1PJ
DA
7W2
DAMMP7H2PJ
DAMMC7H2PJ
DAMMD7H2PJ
DAMMG7H2PJ
DA
11W1
DAMMP11H1PJ
DAMMC11H1PJ
DAMMD11H1PJ
DAMMG11H1PJ
DA
3W3
DAMMP3H3PJ
DAMMC3H3PJ
DAMMD3H3PJ
DAMMG3H3PJ
DA
3WK3
DAMMP3HK3PJTM
DAMMC3HK3PJTM
DAMMD3HK3PJTM
DAMMG3HK3PJTM
DB
5W5
DBMMP5H5PJ
DBMMC5H5PJ
DBMMD5H5PJ
DBMMG5H5PJ
DB
9W4
DBMMP9H4PJ
DBMMC9H4PJ
DBMMD9H4PJ
DBMMG9H4PJ
DB
13W3
DBMMP13H3PJ
DBMMC13H3PJ
DBMMD13H3PJ
DBMMG13H3PJ
DB
17W2
DBMMP17H2PJ
DBMMC17H2PJ
DBMMD17H2PJ
DBMMG17H2PJ
DB
21W1
DBMMP21H1PJ
DBMMC21H1PJ
DBMMD21H1PJ
DBMMG21H1PJ
DC
8W8
DCMMP8H8PJ
DCMMC8H8PJ
DCMMD8H8PJ
DCMMG8H8PJ
DC
13W6
DCMMP13H6PJ
DCMMC13H6PJ
DCMMD13H6PJ
DCMMG13H6PJ
DC
17W5
DCMMP17H5PJ
DCMMC17H5PJ
DCMMD17H5PJ
DCMMG17H5PJ
DC
21WA4
DCMMP21HA4PJ
DCMMC21HA4PJ
DCMMD21HA4PJ
DCMMG21HA4PJ
DC
25W3
DCMMP25H3PJ
DCMMC25H3PJ
DCMMD25H3PJ
DCMMG25H3PJ
DC
27W2
DCMMP27H2PJ
DCMMC27H2PJ
DCMMD27H2PJ
DCMMG27H2PJ
Notes: For DD shell size, see page 156.
Keyed
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 244-245.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Screw lock, boardlock, and signal contacts
removed for clarity
Engaging Face
Screw lock, boardlock, and high power contact
removed for clarity
A
C
B
E
D
Ø 0,76
(.030)
Ø 3,18
(.125)
2,92
(.115)
BOARDLOCK
10
°
12,34
(.486) 8,64
(.340)
6,50
± 0,25
(.256
± .010)
RIVNUT
#4-40 UNC
SCREW LOCK
#4-40 UNC
BRACKET,
METAL
3,89 (.153)
MIN.
20,57
± 0,38
(.810
±.015)
L
F
W
2,84
(.112)
11,53
± 0,25
(.454
± .010)
4,33
± 0,38
(.170
± .015)
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com