Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 158 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 158 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 154Page - ITT Industries DAMMN7H2SN Datasheet HTML 155Page - ITT Industries DAMMN7H2SN Datasheet HTML 156Page - ITT Industries DAMMN7H2SN Datasheet HTML 157Page - ITT Industries DAMMN7H2SN Datasheet HTML 158Page - ITT Industries DAMMN7H2SN Datasheet HTML 159Page - ITT Industries DAMMN7H2SN Datasheet HTML 160Page - ITT Industries DAMMN7H2SN Datasheet HTML 161Page - ITT Industries DAMMN7H2SN Datasheet HTML 162Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
157
D Subminiature
Military/High Reliability
40 A High Power 90
° PCB (Size DD)
Part Numbers with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMMP24H7SJ
DDMMC24H7SJ
DDMMD24H7SJ
DDMMG24H7SJ
DD
36W4
DDMMP36H4SJ
DDMMC36H4SJ
DDMMD36H4SJ
DDMMG36H4SJ
DD
43W2
DDMMP43H2SJ
DDMMC43H2SJ
DDMMD43H2SJ
DDMMG43H2SJ
DD
47W1
DDMMP47H1SJ
DDMMC47H1SJ
DDMMD47H1SJ
DDMMG47H1SJ
Receptacle
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Engaging Face
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and high power contact
removed for clarity
Ø 0,76
(.030)
Ø 3,18
(.125)
2,92
(.115)
D
BOARDLOCK
10
°
A
C
B
E
13,74
(.541) 10,06
(.396)
6,50
± 0,25
(.256
± .010)
SCREW LOCK
#4-40 UNC
RIVNUT
#4-40 UNC
BRACKET,
METAL
20,57
± 0,38
(.810
± .015)
L
3,89 (.153)
MIN
5,68
(.224)
2,84
(.112)
F
W
11,53
± 0,25
(.454
± .010)
4,33
± 0,38
(.170
± .015)
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see page 249.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com