| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DBM25SNM Datasheet(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SNM Datasheet(HTML) 2 Page - ITT Industries |
|
2 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 1 D Subminiature Contents Contents Page General Application D Subminiature Connectors Straight PCB Selection Guide .............................................2 D*NG Pressfit Termination ...............................................4 D*M Solder Termination (Machined) — Standard PC Tails .......................6 ZD* Solder Termination (Stamped).........................................8 D* Solder Termination (Machined) — European PC Tails ....................... 10 D* Wrap Post Termination .............................................. 12 90 ° PCB Selection Guide ............................................... 14 D*M Solder Termination (Machined) — Standard Footprint .318 or .283 inch . . . 16 ZED* Solder Termination (Stamped) — Standard Footprint .318 inch .............. 18 D* Solder Termination (Machined) — European Footprint 10,2 or 9,4 mm......20 ZD* Solder Termination (Stamped) — European Footprint 10,2 mm ...............28 Cable Selection Guide .................................................30 D Solder Cup Solder Termination (Machined) with Tin Shells ....................32 ZD* Solder Cup Solder Termination (Stamped) with Tin Shells ...................34 D*A Crimp Connectors without Contacts ...................................36 D*W Discrete Wire IDC ................................................38 Special Application D Subminiature Connectors Combo D Selection Index ..............................................42 Combo D PCB Connectors with 75 Ohm Coaxial Contacts (50 Ohm Option) ........44 Combo D PCB Connectors with High Power ................................60 Combo D PCB Connectors with (Size 20) Signal Contacts Only ..................74 Combo D Cable Solder Cup ............................................78 Combo D Cable Crimp Connectors and Shield Cans ..........................80 Loose Contacts and Tooling .............................................83 Commercial Micro D Selection Index ......................................96 MDSM Connectors and Tooling ..........................................98 Filter D Selection Index................................................ 104 Product Performance ................................................. 106 D*JK PCB Connectors ................................................ 108 D*JT Solder Cup and Combo High Power Connectors......................... 122 High Reliability D Subminiature Connectors Military/High Reliability Selection Index.................................... 130 PCB 90 °, Straight, Wrap Post, and Cable Solder Cup ......................... 132 MIL-C-24308 Cross References and Test Data .............................. 142 Military/High Reliability Combo D ....................................... 146 Space/High Reliability Selection Index .................................... 168 PCB Straight, 90 ° and Cable Solder Cup ................................... 172 Cable Crimp ........................................................ 182 High Density Cable Crimp .............................................. 184 Space/High Reliability Combo D ........................................ 188 Space Accessories and Loose (Size 8) Contacts............................. 190 NASA/GSFC & ESA-SCC Cross References................................. 195 Accessories Selection Guide .............................................. 198 Backshells .........................................................200 Locking Hardware ...................................................208 Miscellaneous ......................................................214 Reader’s Resource Selection Index .........................................219 Dimensional Reference Data............................................220 Lease Tooling ......................................................275 Glossary of Terms ...................................................276 Obsolete Products/Available Products Not Previously Listed ....................282 Part Number Index ...................................................283 Product Safety and Warranty ...........................................297 Combo D is a registered trademark of ITT Cannon in the United States. Connector footprint measured from the front shell. Connector footprint measured from the rear shell. The ITT Cannon D Subminiature family of connectors has grown to include a wide variety of styles, options and accessories and is often the most economical solution to any interconnect problem. Ideally suited for both commercial/industrial applications and military/ aerospace applications, ITT Cannon D Subminiature connectors have found worldwide acceptance in a multitude of applications ranging from office equipment to satellites. On the Cover Filter D, Combo D, Commercial Micro D (MDSM), Pressfit D, and Standard D |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |