| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1753530000 Datasheet(PDF) 3 Page - Weidmuller |
|
|
|||||||||||||||||||||||||||||
1753530000 Datasheet(HTML) 3 Page - Weidmuller |
|
3 / 22 page ![]() Cable glands 46 Labeling of devices and protection systems according ATEX The following information must be clearly and permanently readable on every device and protection system: Example: Cable glands with metric connection thread With the taking of effect of European standard EN 50 262 – metric cable glands for electric installation – the Europe-wide introduction of the metric ISO fine thread in cable glands took place on 01.01.2000. The EN 60 423 standard lists the individual thread sizes. The previously-known thread sizes PG 7 to PG 48 (10 sizes) were replaced by the metric sizes M 12 to M 63 (8 sizes). This catalogue contains a large selection of metric cable glands Ex cables and cable entries for use in hazardous areas. Name of Type/size Number of Symbol of Symbol of Conformity to Risk of Abbreviation Device manufacturer designation EU-type-examination protection device european explosion of applied group or from test certificate from group and standards type of logo manufacturer EU test site explosion category certified protection classes II 2 G E EX e II ia T |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |