Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DS_FT313H Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

No. de pieza DS_FT313H
Descripción Electrónicos  The FT313H is a Hi-Speed Universal Serial Bus (USB) Host Controller compatible with Universal Serial Bus Specification Rev 2.0 and supports data transfer speeds of up to 480M bit/s.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FTDI [Future Technology Devices International Ltd.]
Página de inicio  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

DS_FT313H Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button DS_FT313H Datasheet HTML 17Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 18Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 19Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 20Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 21Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 22Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 23Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 24Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Copyright © 2012 Future Technology Devices International Limited
21
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.1
Clearance No.: FTDI# 318
Address
Register
Reset value
Description
A4h
HCINTEN
0000h
Host controller interrupt enable register
USB testing register
50h
TESTMODE
0000 0000h
Test mode register
70h
TESTPMSET1
0000 0000h
Test parameter setting 1 register
74h
TESTPMSET2
0000 0000h
Test parameter setting 2 register
Table 5-1 Overview of host controller specific registers
5.2 EHCI operational registers
5.2.1 HCCAPLENGTH register (address = 00h)
This register is used as an offset to add to register base to find the beginning of the operational register
space. The high two bytes contain a BCD encoding of the EHCI revision number supported by this host
controller. The most signification byte of this register represents a major revision and the least
signification byte is the minor revision.
Bit
Name
Type
Default value
Description
[31:16]
HCIVERSION
RO
16’h0100
Host Controller Interface Version Number
This register is a 2-byte register containing a
BCD encoding of the EHCI revision number
supported by the host controller.
[15:8]
Reserved
RO
8’h0
-
[7:0]
CAPLENGTH
RO
8’h10
Capability Register Length
This register is used as an offset added to
register base to find out the beginning of the
Operational Register Space.
Table 5-2 Capability register
5.2.2 HCSPARAMS register (address = 04h)
This is a set of fields that are structural parameter: number of downstream ports, etc.
Bit
Name
Type
Default value
Description
[31:4]
Reserved
RO
28’h0
-
[3:0]
N_PORTS
RO
4’h1
Number of Ports
This field specifies the number of the physical
downstream ports implemented on the host
controller.
Table 5-3 Structural parameter register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com