Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC24FJ128GA310 Datasheet(PDF) 22 Page - Microchip Technology

No. de pieza PIC24FJ128GA310
Descripción Electrónicos  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 18Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 19Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 20Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 23Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 24Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 25Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 406 page
background image
PIC24FJ128GA310 FAMILY
PIC24FJDS39996F-page 22
 2010-2011 Microchip Technology Inc.
PMD0
60
76
93
A4
I/O
ST/TTL Parallel Master Port Data (Demultiplexed Master
mode) or Address/Data (Multiplexed Master modes).
PMD1
61
77
94
B4
I/O
ST/TTL
PMD2
62
78
98
B3
I/O
ST/TTL
PMD3
63
79
99
A2
I/O
ST/TTL
PMD4
64
80
100
A1
I/O
ST/TTL
PMD5
1
1
3
D3
I/O
ST/TTL
PMD6
2
2
4
C1
I/O
ST/TTL
PMD7
3
3
5
D2
I/O
ST/TTL
PMD8
—
75
90
A5
I/O
ST/TTL
PMD9
—
74
89
E6
I/O
ST/TTL
PMD10
—
73
88
A6
I/O
ST/TTL
PMD11
—
72
87
B6
I/O
ST/TTL
PMD12
—
64
79
A9
I/O
ST/TTL
PMD13
—
65
80
D8
I/O
ST/TTL
PMD14
—
68
83
D7
I/O
ST/TTL
PMD15
—
69
84
C7
I/O
ST/TTL
PMRD
53
67
82
B8
O
—
Parallel Master Port Read Strobe.
PMWR
52
66
81
C8
O
—
Parallel Master Port Write Strobe.
RA0
—
—
17
G3
I/O
ST
PORTA Digital I/O.
RA1
—
—
38
J6
I/O
ST
RA2
—
—
58
H11
I/O
ST
RA3
—
—
59
G10
I/O
ST
RA4
—
—
60
G11
I/O
ST
RA5
—
—
61
G9
I/O
ST
RA6
—
—
91
C5
I/O
ST
RA7
—
—
92
B5
I/O
ST
RA9
—
23
28
L2
I/O
ST
RA10
—
24
29
K3
I/O
ST
RA14
—
52
66
E11
I/O
ST
RA15
—
53
67
E8
I/O
ST
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More