Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AO3407A Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

No. de pieza AO3407A
Descripción Electrónicos  30V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO3407A Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO3407A_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO3407A_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO3407A_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO3407A_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO3407A_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO3407A
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
VDS=-30V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-1.4
-1.9
-2.4
V
ID(ON)
-25
A
34
48
TJ=125°C
52
68
54
78
m
gFS
10
S
VSD
-0.7
-1
V
IS
-2
A
Ciss
520
pF
Coss
100
pF
Crss
65
pF
Rg
3.5
7.5
11.5
Qg(10V)
9.2
11
nC
Qg(4.5V)
4.6
6
nC
Qgs
1.6
nC
Qgd
2.2
nC
tD(on)
7.5
ns
t
5.5
ns
VGS=0V, VDS=-15V, f=1MHz
SWITCHING PARAMETERS
ID=-250µA, VGS=0V
RDS(ON)
Static Drain-Source On-Resistance
IDSS
Drain-Source Breakdown Voltage
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
µA
VDS=VGS ID=-250µA
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
On state drain current
VGS=-10V, VDS=-5V
VGS=-10V, ID=-4.3A
Total Gate Charge
VGS=-10V, VDS=-15V, ID=-4.3A
Gate Source Charge
Gate Drain Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
IS=-1A,VGS=0V
VDS=-5V, ID=-4.3A
VGS=-4.5V, ID=-3A
Forward Transconductance
Diode Forward Voltage
Reverse Transfer Capacitance
V
=-10V, V =-15V, R =3.5
Ω,
Total Gate Charge
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
tr
5.5
ns
tD(off)
19
ns
tf
7
ns
trr
11
ns
Qrr
5.3
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
IF=-4.3A, dI/dt=100A/µs
Body Diode Reverse Recovery Time
Turn-Off Fall Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=3.5Ω,
RGEN=3Ω
Body Diode Reverse Recovery Charge IF=-4.3A, dI/dt=100A/µs
Turn-On Rise Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 5: Nov 2011
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com