| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7675AST Datasheet(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7675AST Datasheet(HTML) 11 Page - Analog Devices |
|
11 / 20 page ![]() REV. 0 AD7675 –11– TYPICAL CONNECTION DIAGRAM Figure 5 shows a typical connection diagram for the AD7675. Different circuitry shown on this diagram are optional and are discussed below. Analog Inputs Figure 6 shows a simplified analog input section of the AD7675. IN+ IN– AGND AVDD R+ = 684 CS CS R– = 684 Figure 6. AD7675 Simplified Analog Input The diodes shown in Figure 6 provide ESD protection for the inputs. Care must be taken to ensure that the analog input sig- nal never exceeds the absolute ratings on these inputs. This will cause these diodes to become forward-biased and start conducting current. These diodes can handle a forward-biased current of 120 mA maximum. This condition could eventually occur when the input buffer’s (U1) or (U2) supplies are different from AVDD. In such case, an input buffer with a short-circuit cur- rent limitation can be used to protect the part. This analog input structure is a true differential structure. By using these differential inputs, signals common to both inputs are rejected, as shown in Figure 7, which represents the typical CMRR over frequency. FREQUENCY – Hz 45 75 10k 10M 1k 1M 80 65 100k 55 85 70 60 50 40 Figure 7. Analog Input CMRR vs. Frequency AVDD AGND DGND DVDD OVDD OGND SER/ PAR CNVST BUSY SDOUT SCLK RD CS RESET PD REFGND CREF 2.5V REF NOTE 1 REF 100 D CLOCK AD7675 C/ P/DSP SERIAL PORT DIGITAL SUPPLY (3.3V OR 5V) ANALOG SUPPLY (5V) DVDD OB/ 2C NOTE 7 BYTESWAP DVDD 50k 100nF 1M IN+ ANALOG INPUT+ CC 2.7nF U1 NOTE 4 NOTE 5 50 AD8021 – + 15 NOTE 2 NOTE 3 NOTE 5 ADR421 10 F 100nF + 10 F 100nF + 100nF + 10 F IN– ANALOG INPUT– CC 2.7nF U2 NOTE 4 NOTE 5 50 AD8021 – + 15 50 + 1 F NOTES 1. SEE VOLTAGE REFERENCE INPUT SECTION. 2. WITH THE RECOMMENDED VOLTAGE REFERENCES, CREF IS 47 F. SEE CHAPTER VOLTAGE REFERENCE INPUT SECTION 3. OPTIONAL CIRCUITRY FOR HARDWARE GAIN CALIBRATION. 4. THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION. 5. SEE ANALOG INPUT SECTION. 6. OPTION, SEE POWER SUPPLY SECTION 7. OPTIONAL LOW JITTER CNVST, SEE CONVERSION CONTROL SECTION. Figure 5. Typical Connection Diagram. ( ±2.5 V Range Shown) |