Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VTM48E120025A00FM Datasheet(PDF) 8 Page - Vicor Corporation

No. de pieza VTM48E120025A00FM
Descripción Electrónicos  VTM Current Multiplier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VTM48E120025A00FM Datasheet(HTML) 8 Page - Vicor Corporation

Back Button VTM48E120025A00FM Datasheet HTML 4Page - Vicor Corporation VTM48E120025A00FM Datasheet HTML 5Page - Vicor Corporation VTM48E120025A00FM Datasheet HTML 6Page - Vicor Corporation VTM48E120025A00FM Datasheet HTML 7Page - Vicor Corporation VTM48E120025A00FM Datasheet HTML 8Page - Vicor Corporation VTM48E120025A00FM Datasheet HTML 9Page - Vicor Corporation VTM48E120025A00FM Datasheet HTML 10Page - Vicor Corporation VTM48E120025A00FM Datasheet HTML 11Page - Vicor Corporation VTM48E120025A00FM Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev. 3.1
2/2011
Page 8 of 18
V•I CHIP CORP. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
x 120
025A00
y
E
48
VTM
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
MECHANICAL
Length
L
32.25 / [1.270]
32.5 / [1.280]
32.75 / [1.289]
mm/[in]
Width
W
21.75 / [0.856]
22.0 / [0.866]
22.25 / [0.876]
mm/[in]
Height
H
6.48 / [0.255]
6.73 / [0.265]
6.98 / [0.275]
mm/[in]
Volume
Vol
No heat sink
4.81 / [0.294]
cm3/[in3]
Weight
W
15.0 / [0.53]
g/[oz]
Nickel
0.51
2.03
Lead finish
Palladium
0.02
0.15
µm
Gold
0.003
0.051
THERMAL
VTM48EF120T025A00 (T-Grade)
-40
125
°C
Operating temperature
TJ
VTM48EF120M025A00 (M-Grade)
-55
125
°C
VTM48ET120T025A00 (T-Grade)
-40
125
°C
VTM48ET120M025A00 (M-Grade)
-55
125
°C
Thermal resistance
φ
JC
Isothermal heat sink and
1
°C/W
isothermal internal PCB
Thermal capacity
5
Ws/°C
ASSEMBLY
Peak compressive force
Supported by J-lead only
6lbs
applied to case (Z-axis)
5.41
lbs / in2
VTM48EF120T025A00 (T-Grade)
-40
125
°C
Storage temperature
TST
VTM48EF120M025A00 (M-Grade)
-65
125
°C
VTM48ET120T025A00 (T-Grade)
-40
125
°C
VTM48ET120M025A00 ( M-Grade)
-65
125
°C
Moisture sensitivity level
MSL
MSL 6, TOB = 4 hrs
MSL 5
ESDHBM
1000
ESD withstand
ESDCDM
400
VDC
SOLDERING
Peak temperature during reflow
MSL 6, TOB = 4 hrs
245
°C
MSL 5
225
°C
Peak time above 245°C
60
90
s
Peak heating rate during reflow
1.5
3
°C/s
Peak cooling rate post reflow
1.5
6
°C/s
SAFETY
Working voltage (IN – OUT)
VIN_OUT
60
VDC
Isolation voltage (hipot)
VHIPOT
2250
VDC
Isolation capacitance
CIN_OUT
Unpowered unit
2500
3200
3800
pF
Isolation resistance
RIN_OUT
10
M
Ω
MTBF
MIL-HDBK-217 Plus Parts Count;
1.83
MHrs
25ºC Ground Benign, Stationary,
Indoors / Computer Profile
Telcordia Issue 2 - Method I Case 1;
7.3
MHrs
Ground Benign, Controlled
cTUVus
Agency approvals / standards
cURus
CE Mark
RoHS 6 of 6
Human Body Model,
"JEDEC JESD 22-A114-F"
Charge Device Model,
"JEDEC JESD 22-C101-D"
6.0 GENERAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature
range of -40ºC < TJ < 125ºC (T-Grade); All Other specifications are at TJ = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com