| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F407ZE Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407ZE Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 180 page ![]() STM32F405xx, STM32F407xx Pinouts and pin description Doc ID 022152 Rev 3 45/180 Table 6. STM32F40x pin and ball definitions Pin number Pin name (function after reset)(1) Alternate functions Additional functions - - 1 1 A2 1 PE2 I/O FT TRACECLK/ FSMC_A23 / ETH_MII_TXD3 / EVENTOUT - - 2 2 A1 2 PE3 I/O FT TRACED0/FSMC_A19 / EVENTOUT - - 3 3 B1 3 PE4 I/O FT TRACED1/FSMC_A20 / DCMI_D4/ EVENTOUT - - 4 4 B2 4 PE5 I/O FT TRACED2 / FSMC_A21 / TIM9_CH1 / DCMI_D6 / EVENTOUT - - 5 5 B3 5 PE6 I/O FT TRACED3 / FSMC_A22 / TIM9_CH2 / DCMI_D7 / EVENTOUT 1A10 6 6 C1 6 VBAT S -- - - D2 7 PI8 I/O FT (2)(3) EVENTOUT RTC_AF2 2A9 7 7 D1 8 PC13 I/O FT (2)(3) EVENTOUT RTC_AF1 3B10 8 8 E1 9 PC14-OSC32_IN (PC14) I/O FT (2)(3) EVENTOUT OSC32_IN(4) 4B9 9 9 F1 10 PC15- OSC32_OUT (PC15) I/O FT (2)(3) EVENTOUT OSC32_OUT(4) - - - - D3 11 PI9 I/O FT CAN1_RX / EVENTOUT - - - - E3 12 PI10 I/O FT ETH_MII_RX_ER / EVENTOUT - - - - E4 13 PI11 I/O FT OTG_HS_ULPI_DIR / EVENTOUT -- - - F2 14 VSS S -- - - F3 15 VDD S -- - 10 E2 16 PF0 I/O FT FSMC_A0 / I2C2_SDA / EVENTOUT -- - 11 H3 17 PF1 I/O FT FSMC_A1 / I2C2_SCL / EVENTOUT -- - 12 H2 18 PF2 I/O FT FSMC_A2 / I2C2_SMBA / EVENTOUT -- - 13 J2 19 PF3 I/O FT (4) FSMC_A3/EVENTOUT ADC3_IN9 -- - 14 J3 20 PF4 I/O FT (4) FSMC_A4/EVENTOUT ADC3_IN14 -- - 15 K3 21 PF5 I/O FT (4) FSMC_A5/EVENTOUT ADC3_IN15 |