Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RS3B Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

No. de pieza RS3B
Descripción Electrónicos  Low reverse leakage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DEC [DIOTEC Electronics Corporation]
Página de inicio  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

RS3B Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  RS3B Datasheet HTML 1Page - DIOTEC Electronics Corporation RS3B Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS3A THRU RS3M
SURFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 3.0 Ampere
FEATURES
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Fast switching for high efficiency
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
Characteristic
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
100.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
5.0
250.0
CJ
TJ,TSTG
20.0
50.0
-65 to +150
pF
C
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
RS
3A
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SMC ( DO-214AB )
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.007 ounce, 0.24grams
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
RS
3B
RS
3D
RS
3G
RS
3J
RS
3K
RS
3M
●
●
●
●
●
●
●
Dimensions in inches and (millimeters)
.108(2.75)
.128(3.25)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.320(8.13)
.305(7.75)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)
µA
R JA


Número de pieza similar - RS3B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Sunrise Electr...
RS3B SSE-RS3B Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3B DIODES-RS3B Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3B FUJI-RS3B Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS3B GE-RS3B Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Taiwan Semiconductor Co...
RS3B TSC-RS3B Datasheet
54Kb / 2P
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
More results

Descripción similar - RS3B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rugao Dachang Electroni...
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
Low reverse leakage
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
Low reverse leakage
logo
DIOTEC Electronics Corp...
1N4001 DEC-1N4001_10 Datasheet
664Kb / 2P
Low reverse leakage
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
Low reverse leakage
1N5400 DEC-1N5400_10 Datasheet
692Kb / 2P
Low reverse leakage
10A05 DEC-10A05 Datasheet
672Kb / 2P
Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
Low reverse leakage
logo
Surge Components
1N5391-1N5399 SURGE-1N5391-1N5399 Datasheet
1Mb / 2P
Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
Low reverse leakage
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com