Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DEMAMY15S-FO Datasheet(PDF) 47 Page - ITT Industries

No. de pieza DEMAMY15S-FO
Descripción Electrónicos  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMAMY15S-FO Datasheet(HTML) 47 Page - ITT Industries

Back Button DEMAMY15S-FO Datasheet HTML 43Page - ITT Industries DEMAMY15S-FO Datasheet HTML 44Page - ITT Industries DEMAMY15S-FO Datasheet HTML 45Page - ITT Industries DEMAMY15S-FO Datasheet HTML 46Page - ITT Industries DEMAMY15S-FO Datasheet HTML 47Page - ITT Industries DEMAMY15S-FO Datasheet HTML 48Page - ITT Industries DEMAMY15S-FO Datasheet HTML 49Page - ITT Industries DEMAMY15S-FO Datasheet HTML 50Page - ITT Industries DEMAMY15S-FO Datasheet HTML 51Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
C
C-47
www.ittcannon.com
Straight PCB Hole Pattern
PCB Hole Pattern
D*MA High Density
24,99 (.984)
2,29 (.090)
2,04 (.080)
1,40 (.055)
0,89 (.035)
0,25 (.010)
33,32 (1.312)
2,29 (.090)
1,78 (.070)
0,51 (.020)
0,64 (.025)
1,65 (.065)
47,04 (1.852)
2,29 (.090)
1,78 (.070)
0,51 (.020)
0,64 (.025)
1,64 (.065)
63,50 (2.500)
1,63 (.064)
0,79 (.031)
0,42 (.0165)
2,41 (.095)
1,99 (0785)
61,11 (2.406)
2,41 (.095)
1,21 (.048)
63,50 (2.500)
1,83 (.072)
0,58 (.023)
0,62 (.024)
2,41 (.095
1,79 (070)
(Mating Side)
(Mating Side)
(Mating Side)
(Mating Side)
(Mating Side)
(Mating Side)
SIZE E
15 Contacts
SIZE A
26 Contacts
SIZE B
44 Contacts
SIZE C
62 Contacts
SIZE D
78 Contacts
SIZE F
104 Contacts
Face view, pin insert for plug
(use a mirror image for receptacle)
Dimension X
1,98 (.078) for sizes E, A, B, C
2,08 (.082) for size D
Recommended PC hole for signal contacts
?
0,90 (.035) min for terminations ? 0,51 (.020)
?
1,00 (.040) min for terminations ? 0,57 (.022)
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com