Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT8078A Datasheet(PDF) 3 Page - Richtek Technology Corporation

No. de pieza RT8078A
Descripción Electrónicos  4A, 1MHz, Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8078A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8078A Datasheet HTML 1Page - Richtek Technology Corporation RT8078A Datasheet HTML 2Page - Richtek Technology Corporation RT8078A Datasheet HTML 3Page - Richtek Technology Corporation RT8078A Datasheet HTML 4Page - Richtek Technology Corporation RT8078A Datasheet HTML 5Page - Richtek Technology Corporation RT8078A Datasheet HTML 6Page - Richtek Technology Corporation RT8078A Datasheet HTML 7Page - Richtek Technology Corporation RT8078A Datasheet HTML 8Page - Richtek Technology Corporation RT8078A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT8078A
3
DS8078A-01 June 2011
www.richtek.com
Function Block Diagram
Pin No.
WDFN-10L 3x3
SOP-8
(Exposed Pad)
Pin
Name
Pin Function
1, 2, 3
1, 2
LX
Switch Node. Connect this pin to the inductor.
4
3
PGOOD
Power Good Indicator. This pin is an open drain logic output that is
pulled to ground when the output voltage is less than 90% of the
target output voltage. Hysteresis = 5%.
5
4
EN
Enable Control. Pull high to turn on. Do not float.
6
5
FB
Feedback Pin. This pin receives the feedback voltage from a
resistive voltage divider connected across the output.
7
--
NC
No Internal Connection.
8
6
SVIN
Signal Input Pin. Decouple this pin to GND with at least 1
μF ceramic
cap.
9,10
7,8
PVIN
Power Input Pin. Decouple this pin to GND with at least 4.7
μF
ceramic cap.
11
(Exposed Pad)
9
(Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Functional Pin Description
Driver
NISEN
Control
Logic
Zero Current
0.72V
0.54V
0.2V
OC
Limit
ISEN
Slope
Com
OSC
Output
Clamp
EA
0.6V
Int-SS
POR
OTP
VREF
EN
FB
PVIN
SVIN
EN
LX
PGOOD
PGOOD
OV
PG
UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com