| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DBMM25SWNMBK52 Datasheet(PDF) 42 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25SWNMBK52 Datasheet(HTML) 42 Page - ITT Industries |
|
42 / 62 page ![]() C C-42 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Environmental D D*D Shell Dimensions, Standard Mount .061 +_ .005 (1.55 +_ 0.13) .061 +_ .005 (1.55 +_ 0.13) E MAX. P E MAX. .874 (22.20) MAX. .058 +_ .005 (1.47 +_ .013) .677 (17.20) MAX. CONTACT EXTENSION .299 (7.59) MAX. CONACT EXTENSION .677 (17.20) .089 +_ .005 (2.26 +_ 0.13) P .904 (22.96) MAX. .425 +_ .005 (10.80 +_ 0.13) A MAX. .120 +_ .005 DIA. (3.05 +_ 0.13) 2 MTG. HOLES .120 +_ .005 DIA. (3.05 +_ 0.13) 2 MTG. HOLES K +_ .005 ( +_ .013) K +_ .005 ( +_ .013) .109 (2.77) FL. TYP. .109 (2.77) R. TYP M M 10˚ TYP. 10˚ TYP. N N L L A MAX. Float Mount Dimensions Receptacle .061 +_ .005 (1.55 +_ 0.13) .061 +_ .005 (1.55 +_ 0.13) .032 (0.81) TOTAL DIA. FLOAT .032 (0.81) TOTAL DIA. FLOAT .031 +_ .005 (0.79 +_ 0.13) .031 +_ .005 (0.79 +_ 0.13) E MAX. .874 (22.20) MAX. .058 +_ .005 (1.47 +_ .013) .677 (17.20) MAX. CONTACT EXTENSION E MAX. .299 (7.59) MAX. CONACT EXTENSION .677 (17.20) .089 +_ .005 (2.26 +_ 0.13) P P .904 (22.96) MAX. .425 +_ .005 (10.80 +_ 0.13) A MAX. A MAX. .120 +_ .005 DIA. (3.05 +_ 0.13) 2 MTG. HOLES .120 +_ .005 DIA. (3.05 +_ 0.13) 2 MTG. HOLES K +_ .005 ( +_ .013) .109 (2.77) R. TYP. K +_ .005 ( +_ .013) .109 (2.77) R. TYP M M 10˚ TYP. 10˚ TYP. N N L L Plug NOTE: All D*D Environmental plugs and receptacles are provided with dust caps and removable potting caps. Shell Size DED-9P, 15P DED-9S, 15S DAD-15P, 26P DAD-15S, 26S DBD-25P, 44P DBD-25S, 44S DCD-37P, 62P DCD-37S, 62S DDD-50P, 78P DDD-50S, 78S A Max. 1.915 (23.24) 1.915 (23.24) 1.233 (31.32) 1.233 (31.32) 1.786 (45.36) 1.786 (45.36) 2.458 (62.43) 2.458 (62.43) 2.390 (60.71) 2.390 (60.71) E Max. .596 (15.14) .596 (15.14) .596 (15.14) .596 (15.14) .596 (15.14) .596 (15.14) .567 (14.40) .567 (14.40) .680 (17.12) .680 (17.12) K ±.005 (0.13) 1.125 (28.58) 1.125 (28.58) 1.437 (36.50) 1.437 (36.50) 1.993 (50.62) 1.993 (50.62) 2.625 (66.68) 2.625 (66.68) 2.531 (64.29) 2.531 (64.29) L ±.010 (0.25) 1.442 (36.63) 1.442 (36.63) 1.755 (44.58) 1.755 (44.58) 2.295 (58.29) 2.295 (58.29) 2.937 (74.60) 2.937 (74.60) 2.859 (72.62) 2.859 (72.62) M ±.010 (0.25) .614 (15.60) .614 (15.60) .614 (15.60) .614 (15.60) .614 (15.60) .614 (15.60) .614 (15.60) .614 (15.60) .735 (18.67) .735 (18.67) N ±.010 (0.25) 1.825 (20.86) 1.825 (20.86) 1.143 (29.03) 1.143 (29.03) 1.683 (42.75) 1.683 (42.75) 2.343 (59.51) 2.343 (59.51) 2.251 (57.18) 2.251 (57.18) P ±.010 (0.25) .483 (12.27) .483 (12.27) .483 (12.27) .483 (12.27) .483 (12.27) .483 (12.27) .483 (12.27) .483 (12.27) .596 (15.14) .596 (15.14) All tolerances are ±.010 (0.25) unless noted otherwise. Plug Receptacle ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 42 |