Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DBMM25SWNM Datasheet(PDF) 42 Page - ITT Industries

No. de pieza DBMM25SWNM
Descripción Electrónicos  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25SWNM Datasheet(HTML) 42 Page - ITT Industries

Back Button DBMM25SWNM Datasheet HTML 38Page - ITT Industries DBMM25SWNM Datasheet HTML 39Page - ITT Industries DBMM25SWNM Datasheet HTML 40Page - ITT Industries DBMM25SWNM Datasheet HTML 41Page - ITT Industries DBMM25SWNM Datasheet HTML 42Page - ITT Industries DBMM25SWNM Datasheet HTML 43Page - ITT Industries DBMM25SWNM Datasheet HTML 44Page - ITT Industries DBMM25SWNM Datasheet HTML 45Page - ITT Industries DBMM25SWNM Datasheet HTML 46Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
C
C-42
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Environmental D
D*D
Shell Dimensions, Standard Mount
.061 +_ .005
(1.55 +_ 0.13)
.061 +_ .005
(1.55 +_ 0.13)
E
MAX.
P
E
MAX.
.874
(22.20)
MAX.
.058 +_ .005
(1.47 +_ .013)
.677 (17.20) MAX.
CONTACT EXTENSION
.299 (7.59)
MAX.
CONACT
EXTENSION
.677
(17.20)
.089 +_ .005
(2.26 +_ 0.13)
P
.904
(22.96)
MAX.
.425 +_ .005
(10.80 +_ 0.13)
A MAX.
.120 +_ .005 DIA.
(3.05 +_ 0.13)
2 MTG. HOLES
.120 +_ .005 DIA.
(3.05 +_ 0.13)
2 MTG. HOLES
K +_ .005
( +_ .013)
K +_ .005
( +_ .013)
.109 (2.77) FL. TYP.
.109 (2.77)
R. TYP
M
M
10˚ TYP.
10˚ TYP.
N
N
L
L
A MAX.
Float Mount Dimensions
Receptacle
.061 +_ .005
(1.55 +_ 0.13)
.061 +_ .005
(1.55 +_ 0.13)
.032 (0.81)
TOTAL
DIA. FLOAT
.032 (0.81)
TOTAL
DIA. FLOAT
.031 +_ .005
(0.79 +_ 0.13)
.031 +_ .005
(0.79 +_ 0.13)
E
MAX.
.874
(22.20)
MAX.
.058 +_ .005
(1.47 +_ .013)
.677 (17.20) MAX.
CONTACT
EXTENSION
E
MAX.
.299 (7.59) MAX.
CONACT
EXTENSION
.677
(17.20)
.089 +_ .005
(2.26 +_ 0.13)
P
P
.904
(22.96)
MAX.
.425 +_ .005
(10.80 +_ 0.13)
A MAX.
A
MAX.
.120 +_ .005 DIA.
(3.05 +_ 0.13)
2 MTG. HOLES
.120 +_ .005 DIA.
(3.05 +_ 0.13)
2 MTG. HOLES
K +_ .005
( +_ .013)
.109 (2.77) R. TYP.
K +_ .005
( +_ .013)
.109 (2.77)
R. TYP
M
M
10˚ TYP.
10˚ TYP.
N
N
L
L
Plug
NOTE: All D*D Environmental plugs and receptacles are provided with dust caps and removable potting caps.
Shell Size
DED-9P, 15P
DED-9S, 15S
DAD-15P, 26P
DAD-15S, 26S
DBD-25P, 44P
DBD-25S, 44S
DCD-37P, 62P
DCD-37S, 62S
DDD-50P, 78P
DDD-50S, 78S
A
Max.
1.915 (23.24)
1.915 (23.24)
1.233 (31.32)
1.233 (31.32)
1.786 (45.36)
1.786 (45.36)
2.458 (62.43)
2.458 (62.43)
2.390 (60.71)
2.390 (60.71)
E
Max.
.596 (15.14)
.596 (15.14)
.596 (15.14)
.596 (15.14)
.596 (15.14)
.596 (15.14)
.567 (14.40)
.567 (14.40)
.680 (17.12)
.680 (17.12)
K
±.005 (0.13)
1.125 (28.58)
1.125 (28.58)
1.437 (36.50)
1.437 (36.50)
1.993 (50.62)
1.993 (50.62)
2.625 (66.68)
2.625 (66.68)
2.531 (64.29)
2.531 (64.29)
L
±.010 (0.25)
1.442 (36.63)
1.442 (36.63)
1.755 (44.58)
1.755 (44.58)
2.295 (58.29)
2.295 (58.29)
2.937 (74.60)
2.937 (74.60)
2.859 (72.62)
2.859 (72.62)
M
±.010 (0.25)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.735 (18.67)
.735 (18.67)
N
±.010 (0.25)
1.825 (20.86)
1.825 (20.86)
1.143 (29.03)
1.143 (29.03)
1.683 (42.75)
1.683 (42.75)
2.343 (59.51)
2.343 (59.51)
2.251 (57.18)
2.251 (57.18)
P
±.010 (0.25)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.483 (12.27)
.596 (15.14)
.596 (15.14)
All tolerances are ±.010 (0.25) unless noted otherwise.
Plug
Receptacle
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62