Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0154010. Datasheet(PDF) 1 Page - Littelfuse

No. de pieza 0154010.
Descripción Electrónicos  Surface Mount Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0154010. Datasheet(HTML) 1 Page - Littelfuse

  0154010. Datasheet HTML 1Page - Littelfuse 0154010. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
79
Surface Mount Fuses
©2008 Littelfuse, Inc.
Revision: May 27, 2008
154 Series
NANO2® > 154 Series OMNI-BLOK® Fuse and Holder Combination
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/154.html for current information.
154 Series OMNI-BLOK® Fuse and Fuse Holder
Description
The RoHS Compliant 154 Series OMNI-BLOK® offers a
solution for efficient installation and easy replacement of
miniature Nano2® surface mount fuses.
Offered in a tape and reel package, this fuse holder and
fuse combination can be installed on a PC board as an
efficient single step. Fuse replacement is accomplished
without exposing the PC board to the detrimental effects
of solder heat.
The fuse holder unit may be sold as a stand alone item,
shipped in bulk quantity (not pre-packaged in tape and reel
cartridges) using part number 01550900. Please contact
Littelfuse for additional information.
Agency Approvals
AGENCY
AGENCY FILE
NUMBER
AMPERE RANGE
®
06NK10064
0154 series .062A - 10A /
0154T series .375A - 5A
®
CSA 6225
0154 series .062A - 10A /
0154T series .375A - 5A
PS
E
UL E147211
0154 series 1A - 10A/
0154T series: 1A - 5A
Features
RoHS
®
PS
E
Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA.
Approved by METI from 1 through 5 amperes.
®
lag options available
of Nano2® type fuses
de-rating
rating available
- Fast-Acting: 62mA-10A
- Slo-Blo®: 375mA-5A
temperature range
UL94 V-0
Ordering Information
Catalog
Number
Ampere
Rating
Amp
Code
Fuse
Furnished*
0154.062
1/16
.062
0451.062
0154.125
1/8
.125
0451.125
0154.250
1/4
.250
0453.250
0154.375
3/8
.375
0453.375
0154.500
1/2
.500
0453.500
0154.750
3/4
.750
0453.750
0154001.
1
001.
0453001.
015401.5
1.5
01.5
045301.5
0154002.
2
002.
0453002.
015402.5
2.5
02.5
045302.5
0154003.
3
003.
0453003.
015403.5
3.5
03.5
045303.5
0154004.
4
004.
0453004.
0154005.
5
005.
0453005.
015406.3
6.3
06.3
0453006.
0154007.
7
007.
0453007.
0154008.
8
008.
0453008.
0154010.
10
010.
0453010.
With Very Fast-Acting Fuse Installed
Catalog
Number
Ampere
Rating
Amp
Code
Fuse
Furnished*
0154.375T
3/8
.062
0454.375
0154.500T
1/2
.500
0454.500
0154.750T
3/4
.750
0454.750
0154001.T
1
001.
0454001.
015401.5T
11/2
01.5
045401.5
0154002.T
2
002.
0454002.
015402.5T
21/2
02.5
045402.5
0154003.T
3
003.
0454003.
015403.5T
31/2
03.5
045403.5
0154004.T
4
004.
0454004.
0154005.T
5
005.
0454005.
With Time Lag (Slo-Blo®) Fuse Installed
* The 453 and 454 Series fuses identified above have silver plated end caps,
designed to accommodate solder reflow processes:
For 453 Series fuse replacement, either 451, 453 or 448 Series may be used.
For 454 Series fuse replacement, either 452, 454 or 449 Series may be used.
For detailed operating characteristic and performance information for each
of the fuse series mentioned above, please refer to their respective data
available online at www.littelfuse.com.


Número de pieza similar - 0154010.

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0154010. LITTELFUSE-0154010. Datasheet
165Kb / 2P
Surface Mount Fuses
0154010. LITTELFUSE-0154010. Datasheet
165Kb / 2P
Surface Mount Fuses
0154010. LITTELFUSE-0154010. Datasheet
199Kb / 2P
154/154T/154L/154TL Series OMNI-BLOK Fuse and Holder Assembly
0154010.0DRTG LITTELFUSE-0154010.0DRTG Datasheet
482Kb / 2P
154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
Revised: 09/16/20
0154010.0DRTL LITTELFUSE-0154010.0DRTL Datasheet
482Kb / 2P
154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
Revised: 09/16/20
More results

Descripción similar - 0154010.

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
0459 LITTELFUSE-0459 Datasheet
77Kb / 1P
Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
Surface Mount Fuses
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com