Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

723WA1048 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

No. de pieza 723WA1048
Descripción Electrónicos  AC RECEPTACLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUALTEK [Qualtek Electronics Corporation]
Página de inicio  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

723WA1048 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  723WA1048 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
RATING: 10A 250V AC
APPROVALS: UL, cUL, TUV
DUAL FUSEHOLDER
FUSES NOT INCLUDED - RECOMMENDED SIZE: 5 X 20MM
PANEL THICKNESS: 1.0mm
RoHS COMPLIANT
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
723WA-10/48
Description:
AC RECEPTACLE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.30
0.40
0.45
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
R. Nuti
11-29-11
11-29-11
LY / 11-29-11
UNIT: mm
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
USE ONLY WITH A 250V FUSE
4.8
24 ±
0.5
0
14 ± 0.2
2 ± 0.05
31.5
A
A
15 ±
0.5
0
1
0.5
12 ±
A-A
5
14.5
10.2
1.0
27
27.3 ±
0.2
0
PANEL CUTOUT


Número de pieza similar - 723WA1048

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
723WA1548 QUALTEK-723WA1548 Datasheet
424Kb / 1P
AC RECEPTACLE
More results

Descripción similar - 723WA1048

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
701W-10-43 QUALTEK-701W-10-43 Datasheet
382Kb / 1P
AC RECEPTACLE
740W-A-02 QUALTEK-740W-A-02 Datasheet
424Kb / 1P
AC RECEPTACLE
740W-B-01 QUALTEK-740W-B-01 Datasheet
348Kb / 1P
AC RECEPTACLE
740W-C-02 QUALTEK-740W-C-02 Datasheet
353Kb / 1P
AC RECEPTACLE
707-00-63 QUALTEK-707-00-63 Datasheet
356Kb / 1P
AC RECEPTACLE
716-10-28 QUALTEK-716-10-28 Datasheet
348Kb / 1P
AC RECEPTACLE
716-15-09 QUALTEK-716-15-09 Datasheet
353Kb / 1P
AC RECEPTACLE
716-30-09 QUALTEK-716-30-09 Datasheet
353Kb / 1P
AC RECEPTACLE
718-15-28 QUALTEK-718-15-28 Datasheet
353Kb / 1P
AC RECEPTACLE
719-00-28 QUALTEK-719-00-28 Datasheet
355Kb / 1P
AC RECEPTACLE
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com