Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE7030-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE7030-3
Descripción Electrónicos  3 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7030-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7030-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7030-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7030-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
3 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up
To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
TNC Male
Connector 2
TNC Female
Body Material and Plating
Passivated Stainless Steel
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
3
Maximum Input Power, Watts
2
Frequency 1
Range, GHz
DC to 4
VSWR
1.15:1
Attenuation Accuracy, dB
± 0.3
Frequency 2
Range, GHz
4 to 8
VSWR
1.25:1
Attenuation Accuracy, dB
± 0.3
Frequency 3
Range, GHz
8 to 12.4
VSWR
1.3:1
Attenuation Accuracy, dB
± 0.3
Frequency 4
Range, GHz
12.4 to 18
VSWR
1.35:1
Attenuation Accuracy, dB
± 0.3
Mechanical Specifications
Size
Length, in [mm]
2.11 [53.59]
Width, in [mm]
0.59 [14.99]
.
Connector 1
Type
TNC Male
Connector Specification
MIL-STD-348
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To
2 Watts Up To 18 GHz PE7030-3
PE7030-3
PE7030-3 REV
3 dB Fixed Attenuator, TNC Male To TNC Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 18 GHz


Número de pieza similar - PE7030-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7030-3 PASTERNACK-PE7030-3 Datasheet
238Kb / 4P
3 dB Fixed Attenuator, TNC Male to TNC Female Passivated Stainless Steel Body
PE7030-30 PASTERNACK-PE7030-30 Datasheet
216Kb / 3P
30 dB Fixed Attenuator, TNC Male To TNC Female Passivated 30 dB Fixed Attenuator, TNC Male To TNC Female Passivated
PE7030-30 PASTERNACK-PE7030-30 Datasheet
238Kb / 4P
30 dB Fixed Attenuator, TNC Male to TNC Female Passivated Stainless Steel Body
PE7030-30 PASTERNACK-PE7030-30_16 Datasheet
238Kb / 4P
30 dB Fixed Attenuator, TNC Male to TNC Female Passivated Stainless Steel Body
PE7030-3 PASTERNACK-PE7030-3_16 Datasheet
238Kb / 4P
3 dB Fixed Attenuator, TNC Male to TNC Female Passivated Stainless Steel Body
More results

Descripción similar - PE7030-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7030-2 PASTERNACK-PE7030-2 Datasheet
218Kb / 3P
2 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7030-10 PASTERNACK-PE7030-10 Datasheet
218Kb / 3P
10 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7054-2 PASTERNACK-PE7054-2 Datasheet
256Kb / 2P
2 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7029-20 PASTERNACK-PE7029-20 Datasheet
214Kb / 3P
30 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7030-6 PASTERNACK-PE7030-6 Datasheet
218Kb / 3P
6 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7030-1 PASTERNACK-PE7030-1 Datasheet
218Kb / 3P
1 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7030-20 PASTERNACK-PE7030-20 Datasheet
218Kb / 3P
20 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7052-3 PASTERNACK-PE7052-3 Datasheet
249Kb / 2P
3 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
PE7030-2 PASTERNACK-PE7030-2_16 Datasheet
238Kb / 4P
2 dB Fixed Attenuator, TNC Male to TNC Female Passivated Stainless Steel Body
PE7030-3 PASTERNACK-PE7030-3_16 Datasheet
238Kb / 4P
3 dB Fixed Attenuator, TNC Male to TNC Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com