Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE7005-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE7005-2
Descripción Electrónicos  2 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7005-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7005-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7005-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7005-2 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
2 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up
To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
SMA Male
Connector 2
SMA Female
Body Material and Plating
Passivated Stainless Steel
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
2
Maximum Input Power, Watts
2
Maximum VSWR
1.35:1
Frequency 1
Range, GHz
DC to 18
VSWR
1.35:1
Attenuation Accuracy, dB
± 0.3
Maximum Input Power, Watts
2
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +125
Size
Length, in [mm]
0.85 [21.59]
Width, in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.01 [4.54]
Connector 1
Type
SMA Male
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
SMA Female
2 dB Fixed Attenuator, SMA Male To SMA Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 18 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To
2 Watts Up To 18 GHz PE7005-2
PE7005-2
PE7005-2 REV


Número de pieza similar - PE7005-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7005-2 PASTERNACK-PE7005-2 Datasheet
241Kb / 3P
2 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-20 PASTERNACK-PE7005-20 Datasheet
257Kb / 3P
20 dB Fixed Attenuator, SMA Male To SMA Female Rated To 2 Watts Up To 18 GHz
PE7005-20 PASTERNACK-PE7005-20 Datasheet
240Kb / 3P
20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-20 PASTERNACK-PE7005-20_16 Datasheet
240Kb / 3P
20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-2 PASTERNACK-PE7005-2_16 Datasheet
241Kb / 3P
2 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results

Descripción similar - PE7005-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7005-5 PASTERNACK-PE7005-5 Datasheet
260Kb / 3P
5 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-4 PASTERNACK-PE7005-4 Datasheet
260Kb / 3P
4 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-15 PASTERNACK-PE7005-15 Datasheet
259Kb / 3P
15 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-30 PASTERNACK-PE7005-30 Datasheet
259Kb / 3P
30 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-8 PASTERNACK-PE7005-8 Datasheet
260Kb / 3P
8 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-1 PASTERNACK-PE7005-1 Datasheet
260Kb / 3P
1 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-7 PASTERNACK-PE7005-7 Datasheet
260Kb / 3P
7 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-9 PASTERNACK-PE7005-9 Datasheet
260Kb / 3P
9 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-12 PASTERNACK-PE7005-12 Datasheet
260Kb / 3P
12 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-40 PASTERNACK-PE7005-40 Datasheet
259Kb / 3P
40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com