Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE4610 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

No. de pieza PE4610
Descripción Electrónicos  75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4610 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4610 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4610 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4610 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Male Right Angle Connector Crimp/Solder Attachment For RG179, RG187 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% avail-
ability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Right Angle Connector Crimp/Solder Attachment For RG179, RG187 PE4610
URL: http://www.pasternack.com/bnc-male-standard-rg179-rg187-connector-pe4610-p.aspx
75 Ohm BNC Male Right Angle Connector Crimp/
Solder Attachment For RG179, RG187
PE4610
PE4610 REV



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com