Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE7052-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE7052-2
Descripción Electrónicos  2 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7052-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7052-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7052-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
2 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
TNC Male
Connector 2
TNC Female
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
2
Maximum Input Power, Watts
5
Maximum VSWR
1.35:1
Frequency 1
Range, GHz
DC to 18
VSWR
1.35:1
Attenuation Accuracy, dB
0.3
Mechanical Specifications
Temperature
Size
Length, in [mm]
2.06 [52.32]
Width, in [mm]
0.625 [15.88]
.
Connector 1
Type
TNC Male
Connector Specification
MIL-STD-348
Connector 2
Type
TNC Female
Connector Specification
MIL-STD-348
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/2db-fixed-tnc-male-tnc-female-5-watts-attenuator-pe7052-2-p.aspx
2 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
2 dB Fixed Attenuator, TNC Male To TNC
Female Rated To 5 Watts Up To 18 GHz
PE7052-2
PE7052-2 REV


Número de pieza similar - PE7052-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7052-2 PASTERNACK-PE7052-2 Datasheet
227Kb / 3P
2 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7052-20 PASTERNACK-PE7052-20 Datasheet
249Kb / 2P
20 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
PE7052-20 PASTERNACK-PE7052-20 Datasheet
227Kb / 3P
20 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7052-20 PASTERNACK-PE7052-20_16 Datasheet
227Kb / 3P
20 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7052-2 PASTERNACK-PE7052-2_16 Datasheet
227Kb / 3P
2 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
More results

Descripción similar - PE7052-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7052-6 PASTERNACK-PE7052-6 Datasheet
249Kb / 2P
6 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
PE7052-10 PASTERNACK-PE7052-10 Datasheet
249Kb / 2P
10 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
PE7054-2 PASTERNACK-PE7054-2 Datasheet
256Kb / 2P
2 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7052-20 PASTERNACK-PE7052-20 Datasheet
249Kb / 2P
20 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
PE7052-30 PASTERNACK-PE7052-30 Datasheet
249Kb / 2P
30 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
PE7054-1 PASTERNACK-PE7054-1 Datasheet
256Kb / 2P
1 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7054-40 PASTERNACK-PE7054-40 Datasheet
256Kb / 2P
40 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7052-1 PASTERNACK-PE7052-1 Datasheet
250Kb / 2P
1 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
PE7052-3 PASTERNACK-PE7052-3 Datasheet
249Kb / 2P
3 dB Fixed Attenuator, TNC Male To TNC Female Rated To 5 Watts Up To 18 GHz
PE7053-2 PASTERNACK-PE7053-2 Datasheet
220Kb / 3P
2 dB Fixed Attenuator, TNC Male To TNC Female Rated To 10 Watts Up To 18 GHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com