| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCC4002BD Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4002BD Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 24 page ![]() HCC4030B Rad-hard quad exclusive OR gate 100 krad (Si) ESCC Y 9201/047 Flat-14 - DIL-14 HCC4034B Rad-hard 8-stage static bidirectional bus register - 9306/025 Flat-24 - DIL-24 HCC4035B Rad-hard 4-stage parallel I/O shift register Y 9306/018 Flat-16 - DIL-16 HCC4040B Rad-hard 12-stage binary/ripple counter Y 9204/026 Flat-16 - DIL-16 HCC4041UB Rad-hard quad true/complement buffer - 9202/040 Flat-14 - DIL-14 HCC4042B Rad-hard quad clocked D latch - 9202/041 Flat-16 - DIL-16 HCC4043B Rad-hard quad 3-state NOR R/S latch - 9202/042 Flat-16 - DIL-16 HCC4044B Rad-hard quad 3-state NAND R/S latch - 9202/043 Flat-16 - DIL-16 HCC4046B Rad-hard micropower phase locker loop - 9202/044 Flat-16 - DIL-16 HCC4047B Rad-hard monostable/astable multivibrator Y 9207/003 Flat-14 - DIL-14 HCC4049UB Rad-hard hex inverting buffer/converter Y 9202/045 Flat-16 - DIL-16 HCC4050B Rad-hard hex non-inverting buffer/converter Y 9202/046 Flat-16 - DIL-16 HCC4051B Rad-hard single 8-channel analog mux/demux Y 9202/047 Flat-16 - DIL-16 HCC4052B Rad-hard different 4-channel analog mux/demux - 9202/048 Flat-16 - DIL-16 HCC4053B Rad-hard triple 2-channel analog mux/demux - 9202/049 Flat-16 - DIL-16 HCC4060B Rad-hard 14-stage counter/divider AND oscillator - 9204/052 Flat-16 - DIL-16 HCC4063B Rad-hard 4-bit magnitude comparator Y 9209/001 Flat-16 - DIL-16 HCC4066B Rad-hard quad bilateral switch Y 9408/005 Flat-14 - DIL-14 HCC4067B Rad-hard single 16-channel analog mux/demux - 9408/009 Flat-24 - DIL-24 HCC4068B Rad-hard 8-input NAND/AND gate - 9201/061 Flat-14 - DIL-14 HCC4069UB Rad-hard hex inverter Y 9401/010 Flat-14 - DIL-14 HCC4070B Rad-hard quad exclusive OR gate - 9201/048 Flat-14 - DIL-14 HCC4071B Rad-hard quad 2-input OR gate Y 9201/063 Flat-14 - DIL-14 HCC4072B Rad-hard dual 4-input OR gate - 9201/082 Flat-14 - DIL-14 Table 1. Device summary (continued) Part number Description Radiation level Agency qualification EPPL ESCC specification Package |