Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74ACT32SC Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74ACT32SC
Descripción Electrónicos  Quiet Series Quad 2-Input OR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT32SC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ACT32SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT32SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT32SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT32SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT32SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT32SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT32SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which damage to the
device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power sup-
ply, temperature, and output/input loading variables. Fairchild does not rec-
ommend operation of FACT
 circuits outside of databook specifications.
DC Electrical Characteristics
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: DIP Package.
Note 5: Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND.
Note 6: Max number of data inputs (n) switching. (n-1) inputs switching 0V to 3V (ACTQ). Input-under-test switching: 3V to threshold (VILD),
0V to threshold (VIHD), f = 1MHZ.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source or Sink Current (IO)
± 50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
± 50 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or Sink Current
± 300 mA
Junction Temperature (TJ) PDIP
140
°C
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −55°C to +125°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.70
3.76
V
IOH = − 24 mA
5.5
4.86
4.70
4.76
IOH = − 24 mA (Note 2)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.50
0.44
V
IOL = 24 mA
5.5
0.36
0.50
0.44
IOL = 24 mA (Note 2)
IIN
Maximum Input
5.5
± 0.1
±1.0
± 1.0
µAV
I = VCC, GND
Leakage Current
ICCT
Maximum ICC/Input
5.5
0.6
1.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
50
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
5.5
−50
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
2.0
40.0
20.0
µA
VIN = VCC
Supply Current
or GND
VOLP
Quiet Output Maximum
5.0
1.1
1.5
V
Figures 1, 2
Dynamic VOL
(Note 4)(Note 5)
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figures 1, 2
Minimum Dynamic VOL
(Note 4)(Note 5)
VIHD
Minimum HIGH Level
5.0
1.9
2.2
V
(Note 4)(Note 6)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.2
0.8
V
(Note 4)(Note 6)
Dynamic Input Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com