Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

W2H Datasheet(PDF) 1 Page - AVX Corporation

No. de pieza W2H
Descripción Electrónicos  High Current Feedthry Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

W2H Datasheet(HTML) 1 Page - AVX Corporation

  W2H Datasheet HTML 1Page - AVX Corporation W2H Datasheet HTML 2Page - AVX Corporation W2H Datasheet HTML 3Page - AVX Corporation W2H Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5
High Current Feedthru Capacitors
W2H/W3H Series
HOW TO ORDER
PINOUT CONFIGURATION
GENERAL DESCRIPTION
High current feedthru capacitors are designed as a broad-
band EMI filter that is specially designed to have high current
handling capability. These SMT feedthru filters offer an
optimized frequency response with high attenuation across
a wide RF spectrum due to optimized parallel and series
inductances. These W2H/W3H feedthru filters can actually
replace discrete L/C filter networks.
FEATURES
• Low parallel inductance provides significant noise
reduction in circuits with operating frequencies up to 5GHz
• Broad frequency response with high attenuation
• High rated current – up to 2A for 0805 and up to 5A
for 0612
• Small size – 0805 and 0612 case size
• Reeling in accordance with EIA-481
MECHANICAL CHARACTERISTICS
• Available in EIA 0805 and 0612 cases
• Plated Tin over Nickel Barrier
• Packaged in Tape & Reel
TYPICAL APPLICATIONS
• High current power (Vcc) lines
• PA decoupling
• DC:DC converters
• Regulators
• Power supervisory circuits
W2H1
Size & Style
W2H1=0805
W3H1=0612
5
Voltage
3=25v
5=50v
1=100v
C
Dielectric
A=NP0
C=X7R
473
Capacitance
Code
8
Capacitance
Tolerance
8=+50/-20%
M=±20%
A
Failure
Rate
A=Not
Applicable
T
Terminations
T=Plated Ni
And Sn
1A
Packaging
1A=7" Reel
4000 pcs
3A=13" Reel
4000 pcs
Signal/Vcc
Signal/Vcc
Ground
Ground
W2H1 – 0805 Style
Signal/Vcc
Signal/Vcc
Ground
Ground
W3H1 – 0612 Style


Número de pieza similar - W2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
W2H11A1018AT AVX-W2H11A1018AT Datasheet
196Kb / 4P
High Current Feedthru Capacitors
W2H11A1018AT AVX-W2H11A1018AT Datasheet
196Kb / 4P
h Current Feedthru Capacitors
W2H11A2208AT AVX-W2H11A2208AT Datasheet
196Kb / 4P
High Current Feedthru Capacitors
W2H11A2208AT AVX-W2H11A2208AT Datasheet
196Kb / 4P
h Current Feedthru Capacitors
W2H11A2218AT AVX-W2H11A2218AT Datasheet
196Kb / 4P
High Current Feedthru Capacitors
More results

Descripción similar - W2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
Aluminum Capacitors Axial High Temperature, High Ripple Current
28-Oct-05
logo
List of Unclassifed Man...
UNL4W30K-F ETC2-UNL4W30K-F Datasheet
436Kb / 4P
ElectroFilm High Current Capacitors
logo
Cornell Dubilier Electr...
DPFF2S12J-F CDE-DPFF2S12J-F Datasheet
133Kb / 3P
High AC Current Polypropylene Film Capacitors
UNL4W30K-F CDE-UNL4W30K-F Datasheet
436Kb / 4P
ElectroFilm High Current Capacitors
logo
Vishay Siliconix
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
Aluminum Capacitors Axial High Temperature, High Ripple Current
21-Apr-08
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
Aluminum Capacitors Axial High Temperature, High Ripple Current
13-Dec-12
logo
AVX Corporation
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
High Current Feedthru Capacitors
W2H AVX-W2H_13 Datasheet
196Kb / 4P
High Current Feedthru Capacitors
logo
Cornell Dubilier Electr...
935C CDE-935C Datasheet
231Kb / 5P
High Current Capacitors for Switching Power Supplies
logo
Vishay Siliconix
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
04-Mar-2020
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com