| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EPC2 Datasheet(PDF) 13 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC2 Datasheet(HTML) 13 Page - Altera Corporation |
|
13 / 26 page ![]() Programming and Configuration File Support Page 13 Configuration Devices for SRAM-Based LUT Devices January 2012 Altera Corporation Table 5 lists the programming adapter to use with each configuration device. To program Altera configuration devices using the Quartus II software and the APU, follow these steps: 1. Choose the Quartus II Programmer (Tools menu). 2. Load the appropriate .pof by clicking Add. The Device column displays the device for the current programming file. 3. Insert a blank configuration device into the programming adapter’s socket. 4. Turn on the Program/Configure. You can also turn on Verify to verify the contents of a programmed device against the programming data loaded from a programming file. 5. Click Start. 6. After successful programming, you can place the configuration device on the PCB to configure the FPGA device. To program Altera configuration devices using the MAX+PLUS II software and the APU, follow these steps: 1. Open the MAX+PLUS II Programmer. 2. Load the appropriate .pof using the Select Programming File dialog box (File menu). By default, the Programmer loads the current project’s .pof. The Device field displays the device for the current programming file. 3. Insert a blank configuration device into the programming adapter’s socket. 4. Click Program. 5. After successful programming, you can place the configuration device on the PCB to configure the FPGA device. If you are cascading EPC1 or EPC2 devices, you must generate multiple .pof. The first device .pof have the same name as the project, while the second device .pof have the same name as the first, but with a “_1” extension (e.g., top_1.pof). Table 5. Programming Adapters Device Package Adapter EPC2 20 -pin J-Lead PLMJ1213 32-pin TQFP PLMT1213 EPC1 8-pin DIP PLMJ1213 20-pin J-Lead PLMJ1213 EPC1441 8-pin DIP PLMJ1213 20-pin J-Lead PLMJ1213 32-pin TQFP PLMT1064 |