Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DM74164 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza DM74164
Descripción Electrónicos  8-Bit Serial In/Parallel Out Shift Registers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74164 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74164 Datasheet HTML 1Page - Fairchild Semiconductor DM74164 Datasheet HTML 2Page - Fairchild Semiconductor DM74164 Datasheet HTML 3Page - Fairchild Semiconductor DM74164 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006552
www.fairchildsemi.com
September 1986
Revised February 2000
DM74164
8-Bit Serial In/Parallel Out Shift Registers
General Description
These 8-bit shift registers feature gated serial inputs and
an asynchronous clear. A LOW logic level at either serial
input inhibits entry of the new data, and resets the first flip-
flop to the LOW level at the next clock pulse, thus providing
complete control over incoming data. A HIGH logic level on
either input enables the other input, which will then deter-
mine the state of the first flip-flop. Data at the serial inputs
may be changed while the clock is HIGH or LOW, but only
information meeting the setup and hold time requirements
will be entered. Clocking occurs on the LOW-to-HIGH level
transition of the clock input. All inputs are diode-clamped to
minimize transmission-line effects.
Features
s Gated (enable/disable) serial inputs
s Fully buffered clock and serial inputs
s Asynchronous clear
s Typical clock frequency 36 MHz
s Typical power dissipation 185 mW
Ordering Code:
Connection Diagram
Function Table
H
= HIGH Level (steady state)
L
= LOW Level (steady state)
X
= Don’t Care (any input, including transitions)
↑ = Transition from LOW-to-HIGH level
QA0, QB0, QH0 = The level of QA, QB, or QH, respectively, before the
indicated steady-state input conditions were established.
QAn, QGn = The level of QA or QG before the most recent ↑ transition of the
clock; indicates a one-bit shift.
Order Number
Package Number
Package Description
DM74164
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Outputs
Clear
Clock
A
B
QA
QB
QH
LX
X
X
L
L
…L
HL
X
X
QA0
QB0
…QH0
H
H
HHQAn
…QGn
H
LX
L
QAn
…QGn
H
XL
L
QAn
…QGn


Número de pieza similar - DM74164

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM7416 FAIRCHILD-DM7416 Datasheet
35Kb / 3P
Hex Inverting Buffers with High Voltage Open-Collector Outputs
logo
Texas Instruments
DM74161 TI1-DM74161 Datasheet
426Kb / 12P
Synchronous 4-Bit Counters
logo
National Semiconductor ...
DM74161A NSC-DM74161A Datasheet
211Kb / 8P
SYNCHRONOUS 4-BIT COUNTERS
DM74161AN NSC-DM74161AN Datasheet
211Kb / 8P
SYNCHRONOUS 4-BIT COUNTERS
DM74161N NSC-DM74161N Datasheet
176Kb / 10P
Synchronous 4-Bit Counters
More results

Descripción similar - DM74164

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54LS164 NSC-54LS164 Datasheet
142Kb / 6P
8-Bit Serial In/Parallel Out Shift Registers
logo
Hitachi Semiconductor
HD74LS164 HITACHI-HD74LS164 Datasheet
76Kb / 6P
8-Bit Parallel-Out Serial-In Shift Registers
logo
Intersil Corporation
CD54AC164 INTERSIL-CD54AC164 Datasheet
9Kb / 1P
8-Bit Serial-In/Parallel-Out Shift Registers
June 1997
logo
National Semiconductor ...
MM54HC166 NSC-MM54HC166 Datasheet
156Kb / 6P
8-Bit Parallel In/Serial Out Shift Registers
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com