Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VBUS052CD-FAH-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza VBUS052CD-FAH-GS08
Descripción Electrónicos  2-Line BUS-Port ESD-Protection - Flow Through Design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS052CD-FAH-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  VBUS052CD-FAH-GS08 Datasheet HTML 1Page - Vishay Siliconix VBUS052CD-FAH-GS08 Datasheet HTML 2Page - Vishay Siliconix VBUS052CD-FAH-GS08 Datasheet HTML 3Page - Vishay Siliconix VBUS052CD-FAH-GS08 Datasheet HTML 4Page - Vishay Siliconix VBUS052CD-FAH-GS08 Datasheet HTML 5Page - Vishay Siliconix VBUS052CD-FAH-GS08 Datasheet HTML 6Page - Vishay Siliconix VBUS052CD-FAH-GS08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VBUS052CD-FAH
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 31-May-12
2
Document Number: 81881
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION NOTE
The VBUS052CD-FAH is a two-line ESD-protection device with the characteristic of a Z-diode with a high ESD immunity and
a very low capacitance which makes it usable for high frequency applications like USB2.0 or HDMI.
With the VBUS052CD-FAH two high speed data lines can be protected against transient voltage signals like ESD (Electro Static
Discharge). Connected to the data line (pin 1 and pin 2) and to ground (pin 3) negative transients will be clamped close below
the ground level while positive transients will be clamped close above the 5 V working range. The clamping behaviour of the
VBUS052CD-FAH is bidirectional but asymmetrical (BiAs) and so it offers the best protection for applications running up to 5 V.
Pin configuration:
• Pin 3, 4 and 7 are internally shorted and have to be connected to ground
• Pin 1 and 2 are the inputs for the data lines D+ and D-
• Pin 5 and 6 are not connected internally
FLOW THROUGH DESIGN
Modern digital transmission lines can be clocked up to 480 Mbit/s (USB2.0) or 1.65 Gbit/s (HDMI).
At such high data rates the transmission lines like cables or the line traces on the PCBs have to be very homogeneous regarding
their surge impedance. This requires well defined trace dimensions as trace width and distance which have to be calculated
depending on the requested surge impedance (e.g. 50
) and the PCB material and layer dimensions. Any device connected
to the data lines - like ESD-protection devices - have to be connected with minimal changes in these trace dimensions and
distances.
With the package in the so called “Flow Through Design” this is possible. The lines are running straight along the PCB while the
VBUS052CD-FAH is placed on top without any vias or loops.
ELECTRICAL CHARACTERISTICS (pin 1 or 2 to pin 3, 4 or 7)
(Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of line which can be protected
Nchannel
--
2
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
5
V
Reverse voltage
at IR = 0.1 μA
VR
5-
-
V
Reverse current
at VRWM = 5 V
IR
-
< 0.01
0.1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
6.9
7.9
8.7
V
Reverse clamping voltage
at IPP = 1 A
VC
-10
12
V
at IPP = IPPM = 3.5 A
VC
-15
18
V
Forward clamping voltage
at IF = 1 A
VF
-1.9
2.4
V
at IPP = IPPM = 3.5 A
VF
-4
5
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-0.8
1
pF
21325
7
654
123
GND
NC
NC
GND
D +
D -
21327
123
6
5
4
7
GND
D +
D -
I/O port connector
USB/HDMI interface
D +
D -



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com