Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F303VC Datasheet(PDF) 42 Page - STMicroelectronics

No. de pieza STM32F303VC
Descripción Electrónicos  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VC Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F303VC Datasheet HTML 38Page - STMicroelectronics STM32F303VC Datasheet HTML 39Page - STMicroelectronics STM32F303VC Datasheet HTML 40Page - STMicroelectronics STM32F303VC Datasheet HTML 41Page - STMicroelectronics STM32F303VC Datasheet HTML 42Page - STMicroelectronics STM32F303VC Datasheet HTML 43Page - STMicroelectronics STM32F303VC Datasheet HTML 44Page - STMicroelectronics STM32F303VC Datasheet HTML 45Page - STMicroelectronics STM32F303VC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 133 page
background image
Table 12.
Alternate functions for port A
Port
&
Pin
Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF14
AF15
PA0
TIM2_
CH1_
ETR
TSC_
G1_IO1
USART2
_CTS
COMP1
_OUT
TIM8_
BKIN
TIM8_
ETR
EVENT
OUT
PA1
TIM2_
CH2
TSC_
G1_IO2
USART2
_RTS
TIM15_
CH1N
EVENT
OUT
PA2
TIM2_
CH3
TSC_
G1_IO3
USART2
_TX
COMP2
_OUT
TIM15_
CH1
EVENT
OUT
PA3
TIM2_
CH4
TSC_
G1_IO4
USART2
_RX
TIM15_
CH2
EVENT
OUT
PA4
TIM3_
CH2
TSC_
G2_IO1
SPI1_
NSS
SPI3_NSS,
I2S3_WS
USART2
_CK
EVENT
OUT
PA5
TIM2_
CH1_
ETR
TSC_
G2_IO2
SPI1_
SCK
EVENT
OUT
PA6
TIM16_
CH1
TIM3_
CH1
TSC_
G2_IO3
TIM8_
BKIN
SPI1_
MISO
TIM1_BKIN
COMP1
_OUT
EVENT
OUT
PA7
TIM17_
CH1
TIM3_
CH2
TSC_
G2_IO4
TIM8_
CH1N
SPI1_
MOSI
TIM1_CH1N
COMP2
_OUT
EVENT
OUT
PA8
MCO
I2C2_
SMBA
I2S2_
MCK
TIM1_CH1
USART1
_CK
COMP3
_OUT
TIM4_
ETR
EVENT
OUT
PA9
TSC_
G4_IO1
I2C2_
SCL
I2S3_
MCK
TIM1_CH2
USART1
_TX
COMP5
_OUT
TIM15_
BKIN
TIM2_
CH3
EVENT
OUT
PA10
TIM17_
BKIN
TSC_
G4_IO2
I2C2_
SDA
TIM1_CH3
USART1
_RX
COMP6
_OUT
TIM2_
CH4
TIM8_
BKIN
EVENT
OUT
PA11
TIM1_CH1N
USART1
_CTS
COMP1
_OUT
CAN_RX
TIM4_
CH1
TIM1_CH4
TIM1_
BKIN2
USB_
DM
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com