Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F415OG Datasheet(PDF) 64 Page - STMicroelectronics

No. de pieza STM32F415OG
Descripción Electrónicos  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415OG Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F415OG Datasheet HTML 60Page - STMicroelectronics STM32F415OG Datasheet HTML 61Page - STMicroelectronics STM32F415OG Datasheet HTML 62Page - STMicroelectronics STM32F415OG Datasheet HTML 63Page - STMicroelectronics STM32F415OG Datasheet HTML 64Page - STMicroelectronics STM32F415OG Datasheet HTML 65Page - STMicroelectronics STM32F415OG Datasheet HTML 66Page - STMicroelectronics STM32F415OG Datasheet HTML 67Page - STMicroelectronics STM32F415OG Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 186 page
background image
Port D
PD0
CAN1_RX
FSMC_D2
EVENTOUT
PD1
CAN1_TX
FSMC_D3
EVENTOUT
PD2
TIM3_ETR
UART5_RX
SDIO_CMD
DCMI_D11
EVENTOUT
PD3
USART2_CTS
FSMC_CLK
EVENTOUT
PD4
USART2_RTS
FSMC_NOE
EVENTOUT
PD5
USART2_TX
FSMC_NWE
EVENTOUT
PD6
USART2_RX
FSMC_NWAIT
EVENTOUT
PD7
USART2_CK
FSMC_NE1/
FSMC_NCE2
EVENTOUT
PD8
USART3_TX
FSMC_D13
EVENTOUT
PD9
USART3_RX
FSMC_D14
EVENTOUT
PD10
USART3_CK
FSMC_D15
EVENTOUT
PD11
USART3_CTS
FSMC_A16
EVENTOUT
PD12
TIM4_CH1
USART3_RTS
FSMC_A17
EVENTOUT
PD13
TIM4_CH2
FSMC_A18
EVENTOUT
PD14
TIM4_CH3
FSMC_D0
EVENTOUT
PD15
TIM4_CH4
FSMC_D1
EVENTOUT
Table 9. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1
I2C1/2/3
SPI1/SPI2/
I2S2/I2S2ext
SPI3/I2Sext/
I2S3
USART1/2/3/
I2S3ext
UART4/5/
USART6
CAN1/
CAN2/
TIM12/13/14
OTG_FS/
OTG_HS
ETH
FSMC/SDIO/
OTG_FS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com