Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NCP431AVLPRAG Datasheet(PDF) 13 Page - ON Semiconductor

No. de pieza NCP431AVLPRAG
Descripción Electrónicos  Programmable Precision References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431AVLPRAG Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP431AVLPRAG Datasheet HTML 9Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 10Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 11Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 12Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 13Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 14Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 15Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 16Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NCP431A, SC431A, NCP431B, NCP432B Series
http://onsemi.com
13
minimum cathode current that is needed to assure stable gain
is 80
mA maximum.
Figure 36. Knee of Reference
Regulator with TL431 or other references in secondary
side of a SMPS needs bias resistor to increase cathode
current to reach high and stable gain (refer to Figure 37).
This bias resistor does not have to be used in regulator with
NCP431/NCP432 thanks to its low minimum cathode
current.
Figure 37. SMPS Secondary Side and Feedback
Connection on Primary Side
The NCP431/NCP432 operates with very low leakage
and reference input current. Sum of these currents is lower
than 100 nA. Regulator with the NCP431/NCP432
minimizes parasitic power consumption.
The best way to achieve extremely low no−load
consumption
in
SMPS
applications
is
to
use
NCP431/NCP432 as regulator on the secondary side. The
consumption is reduced by minimum parasitic consumption
and very low bias current of NCP431/NCP432.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17