Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OSG50603C1D Datasheet(PDF) 2 Page - OptoSupply International

No. de pieza OSG50603C1D
Descripción Electrónicos  1.6 x 0.8 x 0.45mm SMD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTOSUPPLY [OptoSupply International]
Página de inicio  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG50603C1D Datasheet(HTML) 2 Page - OptoSupply International

  OSG50603C1D Datasheet HTML 1Page - OptoSupply International OSG50603C1D Datasheet HTML 2Page - OptoSupply International OSG50603C1D Datasheet HTML 3Page - OptoSupply International OSG50603C1D Datasheet HTML 4Page - OptoSupply International OSG50603C1D Datasheet HTML 5Page - OptoSupply International OSG50603C1D Datasheet HTML 6Page - OptoSupply International OSG50603C1D Datasheet HTML 7Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.optosupply.com
VER A.0
11..66 xx 00..88 xx 00..4455m
mm
m S
SM
MD
D
OSXX0603C1D
V
Veerr..A
A..11
■ Optical and electrical characteristics
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES
LED & Application Technologies
F o r w a r d V o l t a g e V f ( V )
30
0.5
0
10
20
40
50
60
3.5
3.0
2.5
2.0
1.0
4.0
I F - V F
1.5
OR /H R
BL
YL
WT
YG
TG
0
Forward current IF(mA)
Relative luminous intensity - If
20
0
10
50
30
60
40
1
2
3
4
5
6
7
BL
WT
YG
YL
OR/H R
TG
If_Ta
100
50
40
30
20
10
80
60
20
-20
40
-30
Ambient Temperature Ta (°C)
0
0
W a v e l e n g t h C h a r a c t e r i s t i c s
40
450
400
20
0
80
60
100
Ta=25°C
600
550
500
650
700
W a v e l e n g t h ( n m )
BL
HR
YG
YL OR
TG
WT



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com