Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OSR50603C1C Datasheet(PDF) 6 Page - OptoSupply International

No. de pieza OSR50603C1C
Descripción Electrónicos  1.6 x 0.8 x 0.55mm SMD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTOSUPPLY [OptoSupply International]
Página de inicio  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR50603C1C Datasheet(HTML) 6 Page - OptoSupply International

  OSR50603C1C Datasheet HTML 1Page - OptoSupply International OSR50603C1C Datasheet HTML 2Page - OptoSupply International OSR50603C1C Datasheet HTML 3Page - OptoSupply International OSR50603C1C Datasheet HTML 4Page - OptoSupply International OSR50603C1C Datasheet HTML 5Page - OptoSupply International OSR50603C1C Datasheet HTML 6Page - OptoSupply International OSR50603C1C Datasheet HTML 7Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
http://www.optosupply.com
VER A.0
11..66 xx 00..88 xx 00..5555m
mm
m S
SM
MD
D
OSXX0603C1C
V
Veerr..A
A..11
Taping and Orientation.
Quantity: 4,000 units/reel
Diameter: 178 mm
General Tolerance : ± 0.1
Cautions:
1. After open the package, the LED should be kept at 30
°C, 30%RH or less. The LED should
be soldered within 24 hours (1 day) after opening the package.
2. Heat generation must be taken into design consideration when using the LED.
3. Power must be applied resistors for protection, over current would be caused the optic
damage to the devices and wavelength shift.
4. Manual tip solder may cause the damage to Chip devices, so advised that heat of iron
should be lower than 15W with temperature control under 5 seconds at 230-260 deg. C.
( The device would be got damage in re working process, recommended under 5 seconds
at 230-260 deg. C)
5. All equipment and machinery must be properly grounded. It is recommended to use a
wristband or anti-electrostatic glove when handing the LED.
6. Use IPA as a solvent for cleaning the LED. The other solvent may dissolve the LED
package and the epoxy, Ultrasonic cleaning should not be done.
7. Damaged LED will show unusual characteristics such as leak current remarkably increase,
turn-on voltage becomes lower and the LED get unlight at low current.
LED & Application Technologies



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com