| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DRA127-3R3-R Datasheet(PDF) 8 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
DRA127-3R3-R Datasheet(HTML) 8 Page - Cooper Bussmann, Inc. |
|
8 / 8 page ![]() Visit us on the Web at www.cooperbussmann.com 1225 Broken Sound Pkwy. Suite F Boca Raton, FL 33487 Tel: +1-561-998-4100 Toll Free: +1-888-414-2645 Fax: +1-561-241-6640 This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Electronic Technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Electronic Technologies also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Cooper Electronic Technologies does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. PM-4319 3/07 © Cooper Electronic Technologies 2007 DRA Series High Power Density, High Efficiency, Shielded Inductors Magnetics Solutions For Automotive Applications DRA 73 series DRA 74 series 1MHz 500kHz 300kHz 200kHz 100kHz 50kHz 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1 10 100 100 Bp-p (mT) 1MHz 500kHz 300kHz 200kHz 100kHz 50kHz 0.0001 0.001 0.01 0.1 1 10 100 1 10 100 1000 Bp-p (mT) DRA 124 series DRA 125 series 1MHz 500kHz 300kHz 200kHz 100kHz 50kHz 0.0001 0.001 0.01 0.1 1 10 100 1000 1 10 100 1000 Bp-p (mT) 1MHz 500kHz 300kHz 200kHz 100kHz 50kHz 0.0001 0.001 0.01 0.1 1 10 100 1000 1 10 100 1000 Bp-p (mT) DRA 127 series 1MHz 500kHz 300kHz 200kHz 100kHz 50kHz 0.001 0.01 0.1 1 10 100 1000 1 10 100 1000 Bp-p (mT) Inductance Characteristics |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |