Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VLS252008ET-R47N Datasheet(PDF) 38 Page - TDK Electronics

No. de pieza VLS252008ET-R47N
Descripción Electrónicos  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

VLS252008ET-R47N Datasheet(HTML) 38 Page - TDK Electronics

Back Button VLS252008ET-R47N Datasheet HTML 34Page - TDK Electronics VLS252008ET-R47N Datasheet HTML 35Page - TDK Electronics VLS252008ET-R47N Datasheet HTML 36Page - TDK Electronics VLS252008ET-R47N Datasheet HTML 37Page - TDK Electronics VLS252008ET-R47N Datasheet HTML 38Page - TDK Electronics VLS252008ET-R47N Datasheet HTML 39Page - TDK Electronics VLS252008ET-R47N Datasheet HTML 40Page - TDK Electronics VLS252008ET-R47N Datasheet HTML 41Page - TDK Electronics VLS252008ET-R47N Datasheet HTML 42Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
(37/52)
INDUC
T
O
RS
001-01 / 20130516 / e531_vls.fm
• All specifications are subject to change without notice.
VLS-E series 
VLS3010E Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
 )
Rated current(A)
Part No.
max.
typ.
(µH)
tolerance
max.
typ.
Idc1
Idc1
Idc2
1.0
±30%
1.0
0.072
0.060
1.60
1.80
2.10
VLS3010ET-1R0N
1.5
±30%
1.0
0.085
0.071
1.35
1.50
1.90
VLS3010ET-1R5N
2.2
±20%
1.0
0.116
0.097
1.20
1.30
1.70
VLS3010ET-2R2M
3.3
±20%
1.0
0.156
0.130
1.00
1.10
1.50
VLS3010ET-3R3M
4.7
±20%
1.0
0.204
0.170
0.81
0.90
1.30
VLS3010ET-4R7M
6.8
±20%
1.0
0.312
0.260
0.69
0.77
1.00
VLS3010ET-6R8M
10
±20%
1.0
0.468
0.390
0.56
0.63
0.80
VLS3010ET-100M
15
±20%
1.0
0.612
0.510
0.48
0.54
0.70
VLS3010ET-150M
22
±20%
1.0
0.900
0.750
0.38
0.43
0.60
VLS3010ET-220M
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com