| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC12C67X Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12C67X Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 130 page ![]() PIC12C67X DS30561C-page 4 1997-2013 Microchip Technology Inc. TABLE 1-1: PIC12C67X & PIC12CE67X FAMILY OF DEVICES PIC12C671 PIC12LC671 PIC12C672 PIC12LC672 PIC12CE673 PIC12LCE673 PIC12CE674 PIC12LCE674 Clock Maximum Frequency of Operation (MHz) 10 10 10 10 10 10 10 10 Memory EPROM Program Memory 1024 x 14 1024 x 14 2048 x 14 2048 x 14 1024 x 14 1024 x 14 2048 x 14 2048 x 14 RAM Data Memory (bytes) 128 128 128 128 128 128 128 128 Peripherals EEPROM Data Memory (bytes) —— — — 16 16 16 16 Timer Module(s) TMR0 TMR0 TMR0 TMR0 TMR0 TMR0 TMR0 TMR0 A/D Con- verter (8-bit) Channels 44 4 4 44 4 4 Features Wake-up from SLEEP on pin change Yes Yes Yes Yes Yes Yes Yes Yes Interrupt Sources 44 4 4 44 4 4 I/O Pins 5 5 5 5 5 5 5 5 Input Pins 1 1 1 1 1 1 1 1 Internal Pull-ups Yes Yes Yes Yes Yes Yes Yes Yes In-Circuit Serial Programming Yes Yes Yes Yes Yes Yes Yes Yes Number of Instructions 35 35 35 35 35 35 35 35 Voltage Range (Volts) 3.0V - 5.5V 2.5V - 5.5V 3.0V - 5.5V 2.5V - 5.5V 3.0V - 5.5V 2.5V - 5.5V 3.0V - 5.5V 2.5V - 5.5V Packages 8-pin DIP, JW, SOIC 8-pin DIP, JW, SOIC 8-pin DIP, JW, SOIC 8-pin DIP, JW, SOIC 8-pin DIP, JW 8-pin DIP, JW 8-pin DIP, JW 8-pin DIP, JW All PIC12C67X devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current capability. All PIC12C67X devices use serial programming with data pin GP0 and clock pin GP1. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |