Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC16F7X7 Datasheet(PDF) 9 Page - Microchip Technology

No. de pieza PIC16F7X7
Descripción Electrónicos  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7X7 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F7X7_13 Datasheet HTML 5Page - Microchip Technology PIC16F7X7_13 Datasheet HTML 6Page - Microchip Technology PIC16F7X7_13 Datasheet HTML 7Page - Microchip Technology PIC16F7X7_13 Datasheet HTML 8Page - Microchip Technology PIC16F7X7_13 Datasheet HTML 9Page - Microchip Technology PIC16F7X7_13 Datasheet HTML 10Page - Microchip Technology PIC16F7X7_13 Datasheet HTML 11Page - Microchip Technology PIC16F7X7_13 Datasheet HTML 12Page - Microchip Technology PIC16F7X7_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 9
PIC16F7X7
PORTB is a bidirectional I/O port. PORTB can be software
programmed for internal weak pull-up on all inputs.
RB0/INT/AN12
RB0
INT
AN12
21
18
I/O
I
I
TTL/ST(1)
Digital I/O.
External interrupt.
Analog input channel 12.
RB1/AN10
RB1
AN10
22
19
I/O
I
TTL
Digital I/O.
Analog input channel 10.
RB2/AN8
RB2
AN8
23
20
I/O
I
TTL
Digital I/O.
Analog input channel 8.
RB3/CCP2/AN9
RB3
CCP2(4)
AN9
24
21
I/O
I/O
I
TTL
Digital I/O.
CCP2 capture input, compare output, PWM output.
Analog input channel 9.
RB4/AN11
RB4
AN11
25
22
I/O
I
TTL
Digital I/O.
Analog input channel 11.
RB5/AN13/CCP3
RB5
AN13
CCP3
26
23
I/O
I
I/O
TTL
Digital I/O.
Analog input channel 13.
CCP3 capture input, compare output, PWM output.
RB6/PGC
RB6
PGC
27
24
I/O
I/O
TTL/ST(2)
Digital I/O.
In-Circuit Debugger and ICSP™ programming clock.
RB7/PGD
RB7
PGD
28
25
I/O
I/O
TTL/ST(2)
Digital I/O.
In-Circuit Debugger and ICSP programming data.
TABLE 1-2:
PIC16F737 AND PIC16F767 PINOUT DESCRIPTION (CONTINUED)
Pin Name
PDIP
SOIC
SSOP
Pin #
QFN
Pin #
I/O/P
Type
Buffer
Type
Description
Legend:
I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.
4:
Pin location of CCP2 is determined by the CCPMX bit in Configuration Word Register 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com