Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26VF064BA Datasheet(PDF) 1 Page - Microchip Technology

No. de pieza SST26VF064BA
Descripción Electrónicos  3.0V Serial Quad I/O (SQI) Flash Memory
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BA Datasheet(HTML) 1 Page - Microchip Technology

  SST26VF064BA Datasheet HTML 1Page - Microchip Technology SST26VF064BA Datasheet HTML 2Page - Microchip Technology SST26VF064BA Datasheet HTML 3Page - Microchip Technology SST26VF064BA Datasheet HTML 4Page - Microchip Technology SST26VF064BA Datasheet HTML 5Page - Microchip Technology SST26VF064BA Datasheet HTML 6Page - Microchip Technology SST26VF064BA Datasheet HTML 7Page - Microchip Technology SST26VF064BA Datasheet HTML 8Page - Microchip Technology SST26VF064BA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
 2013 Microchip Technology Inc.
Advance Information
DS25119C-page 1
Features
• Single Voltage Read and Write Operations
- 2.7-3.6V
• Serial Interface Architecture
- Nibble-wide multiplexed I/O’s with SPI-like serial
command structure
- Mode 0 and Mode 3
- x1/x2/x4 Serial Peripheral Interface (SPI) Proto-
col
• High Speed Clock Frequency
-104 MHz max
• Burst Modes
- Continuous linear burst
- 8/16/32/64 Byte linear burst with wrap-around
• Superior Reliability
- Endurance: 100,000 Cycles (min)
- Greater than 100 years Data Retention
• Low Power Consumption:
- Active Read current: 15 mA (typical @ 104 MHz)
- Standby Current: 15 µA (typical)
• Page-Program
- 256 Bytes per page in x1 or x4 mode
• End-of-Write Detection
- Software polling the BUSY bit in status register
• Flexible Erase Capability
- Uniform 4 KByte sectors
- Four 8 KByte top and bottom parameter overlay
blocks
- One 32 KByte top and bottom overlay block
- Uniform 64 KByte overlay blocks
• Write-Suspend
- Suspend Program or Erase operation to access
another block/sector
• Software Reset (RST) mode
• Software Write Protection
- Individual Block-Locking
- 64 KByte blocks, two 32 KByte blocks, and
eight 8 KByte parameter blocks
• Security ID
- One-Time Programmable (OTP) 2 KByte,
Secure ID
- 64 bit unique, factory pre-programmed
identifier
- User-programmable area
• Temperature Range
- Industrial: -40°C to +85°C
• Packages Available
- 8-contact WSON (6mm x 5mm)
- 8-lead SOIC (200 mil)
- 16-lead SOIC (300 mil)
- 24-ball TBGA (6mm x 8mm)
• All devices are RoHS compliant
Product Description
The Serial Quad I/O™ (SQI™) family of flash-memory
devices features a six-wire, 4-bit I/O interface that
allows for low-power, high-performance operation in a
low pin-count package. SST26VF064B/064BA also
support full command-set compatibility to traditional
Serial Peripheral Interface (SPI) protocol. System
designs using SQI flash devices occupy less board
space and ultimately lower system costs.
All members of the 26 Series, SQI family are manufac-
tured with proprietary, high-performance CMOS Super-
Flash® technology. The split-gate cell design and thick-
oxide tunneling injector attain better reliability and man-
ufacturability compared with alternate approaches.
The SST26VF064B/064BA significantly improve per-
formance and reliability, while lowering power con-
sumption. These devices write (Program or Erase) with
a single power supply of 2.7-3.6V. The total energy
consumed is a function of the applied voltage, current,
and time of application. Since for any given voltage
range, the SuperFlash technology uses less current to
program and has a shorter erase time, the total energy
consumed during any Erase or Program operation is
less than alternative flash memory technologies.
SST26VF064B/064BA are offered in 8-contact WSON
(6 mm x 5 mm), 8-lead SOIC (200 mil), 16-lead SOIC
(300 mil), and 24-ball TBGA. See Figure 2-2 for pin
assignments.
Two
configurations
are
available
upon
order:
SST26VF064B default at power-up has the WP# and
Hold# pins enabled and SST26VF064BA default at
power-up has the WP# and Hold# pins disabled.
SST26VF064B / SST26VF064BA
3.0V Serial Quad I/O (SQI) Flash Memory


Número de pieza similar - SST26VF064BA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST26VF064BA MICROCHIP-SST26VF064BA Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BA-104I/MF MICROCHIP-SST26VF064BA-104I/MF Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BA-104I/MF MICROCHIP-SST26VF064BA-104I/MF Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064BA-104I/SM MICROCHIP-SST26VF064BA-104I/SM Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BA-104I/SM MICROCHIP-SST26VF064BA-104I/SM Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
More results

Descripción similar - SST26VF064BA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
1.8V Serial Quad I/O (SQI) Flash Memory
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com