Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EVAL-ADT7470EBZ Datasheet(PDF) 21 Page - Analog Devices

No. de pieza EVAL-ADT7470EBZ
Descripción Electrónicos  Temperature Sensor Hub and Fan Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7470EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-ADT7470EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADT7470EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADT7470
Rev. E | Page 21 of 40
Figure 19 shows a fan drive circuit using an NPN transistor
such as a general-purpose MMBT2222. While these devices
are inexpensive, they tend to have much lower current handling
capabilities and higher on resistance than MOSFETs. When
choosing a transistor, care should be taken to ensure that it
meets the fan’s current requirements. This is the only major
difference between a MOSFET and NPN transistor fan driver
circuit.
When using transistors, ensure that the base resistor is
chosen such that the transistor is fully saturated when the fan
is powered on. Otherwise, there are power inefficiencies in the
implementation.
12V
Q1
MMBT2222
PWM
3.3V
470
Ω
12V
FAN
TACH/AIN
ADT7470
12V
10k
Ω
TACH
10k
Ω
4.7k
Ω
1N4148
Figure 19. Driving a 3-Wire Fan Using an NPN Transistor
Low Frequency
SETTING THE FAN DRIVE FREQUENCY
Configuration Register 2 Bits[6:4] configure the fan drive
frequency in both high and low frequency drive mode.
Table 16. Fan Drive Frequency
Register
0x74[6:4]
High Frequency Drive
(0x40[6] = 0)
Low Frequency Drive
(0x40[6] = 1)
000
1.4 kHz
11 Hz
001
22.5 kHz
14.7 Hz
010
22.5 kHz
22.1 Hz
011
22.5 kHz
29.4 Hz
100
22.5 kHz
35.3 Hz
101
22.5 kHz
44.1 Hz
110
22.5 kHz
58.8 Hz
111
22.5 kHz
88.2 Hz
INVERTED PWM OUTPUT
The PWM duty cycle can be inverted by writing to the PWM
Configuration registers. If the PWM duty cycle is inverted, then
a PWM duty cycle setting of 33% results in an output duty cycle
of 66%, as the PWM waveform is inverted.
Table 17. PWM1/PWM2 Configuration (Register 0x68)
Bit No.
Mnemonic
Description
5
INV1
0 = PWM1 duty cycle not inverted
(default).
1 = PWM1 duty cycle inverted.
4
INV2
0 = PWM2 duty cycle not inverted
(default).
1 = PWM2 duty cycle inverted.
Table 18. PWM3/PWM4 Configuration (Register 0x69)
Bit No.
Mnemonic
Description
5
INV3
0 = PWM3 duty cycle not inverted
(default).
1 = PWM3 duty cycle inverted.
4
INV4
0 = PWM4 duty cycle not inverted
(default).
1 = PWM4 duty cycle inverted.
FAN FULL SPEED FUNCTION
When Pin 13 is configured for full speed operation, pulling the
pin low will cause all fans to run at the maximum PWM duty
cycle. A Logic 1 is output on the PWM pins in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com