| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F72 Datasheet(PDF) 90 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F72 Datasheet(HTML) 90 Page - Microchip Technology |
|
90 / 136 page ![]() PIC16F72 DS39597C-page 88 © 2007 Microchip Technology Inc. FIGURE 14-1: PIC16F72 (INDUSTRIAL, EXTENDED) VOLTAGE-FREQUENCY GRAPH FIGURE 14-2: PIC16LF72 (INDUSTRIAL) VOLTAGE-FREQUENCY GRAPH Frequency 6.0V 5.5V 4.5V 4.0V 2.0V 20 MHz 5.0V 3.5V 3.0V 2.5V 16 MHz Frequency 6.0V 5.5V 4.5V 4.0V 2.0V 5.0V 3.5V 3.0V 2.5V FMAX = (12 MHz/V) (VDDAPPMIN - 2.5V) + 4 MHz Note 1: VDDAPPMIN is the minimum voltage of the PIC® device in the application. 4 MHz 10 MHz Note 2: FMAX has a maximum frequency of 10 MHz. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |