| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LAN8720AI Datasheet(PDF) 60 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN8720AI Datasheet(HTML) 60 Page - SMSC Corporation |
|
60 / 79 page ![]() Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support Datasheet Revision 1.4 (08-23-12) 60 SMSC LAN8720A/LAN8720Ai DATASHEET 4.2.12 Interrupt Source Flag Register Index (In Decimal): 29 Size: 16 bits BITS DESCRIPTION TYPE DEFAULT 15:8 RESERVED RO - 7 INT7 0 = not source of interrupt 1 = ENERGYON generated RO/LH 0b 6 INT6 0 = not source of interrupt 1 = Auto-Negotiation complete RO/LH 0b 5 INT5 0 = not source of interrupt 1 = Remote Fault Detected RO/LH 0b 4 INT4 0 = not source of interrupt 1 = Link Down (link status negated) RO/LH 0b 3 INT3 0 = not source of interrupt 1 = Auto-Negotiation LP Acknowledge RO/LH 0b 2 INT2 0 = not source of interrupt 1 = Parallel Detection Fault RO/LH 0b 1 INT1 0 = not source of interrupt 1 = Auto-Negotiation Page Received RO/LH 0b 0 RESERVED RO 0b |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |