Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MC68360AI25VL Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

No. de pieza MC68360AI25VL
Descripción Electrónicos  MC68360 QUad Integrated Communication Controller (QUICC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68360AI25VL Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC68360AI25VL Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68360AI25VL Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68360AI25VL Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68360AI25VL Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68360AI25VL Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68360AI25VL Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68360AI25VL Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68360AI25VL Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68360AI25VL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Order this document
by MC68360D
MC68360
Product Brief
MC68360 QUad Integrated Communication
Controller (QUICC)
INTRODUCTION
The MC68360 QUad Integrated Communication Controller (QUICC
) is a versatile one-chip integrated
microprocessor and peripheral combination that can be used in a variety of controller applications. It
particularly excels in communications activities. The QUICC (pronounced “quick”) can be described as a
next-generation MC68302 with higher performance in all areas of device operation, increased flexibility,
major extensions in capability, and higher integration. The term "quad" comes from the fact that there are
four serial communications controllers (SCCs) on the device; however, there are actually seven serial
channels: four SCCs, two serial management controllers (SMCs), and one serial peripheral interface (SPI).
QUICC Key Features
The following list summarizes the key MC68360 QUICC features:
• CPU32+ Processor (4.5 MIPS at 25 MHz)
— 32-Bit Version of the CPU32 Core (Fully Compatible with the CPU32)
— Background Debug Mode
— Byte-Misaligned Addressing
• Up to 32-Bit Data Bus (Dynamic Bus Sizing for 8 and 16 Bits)
• Up to 32 Address Lines (At Least 28 Always Available)
• Complete Static Design (0–25-MHz Operation)
• Slave Mode To Disable CPU32+ (Allows Use with External Processors)
— Multiple QUICCs Can Share One System Bus (One Master)
— MC68040 Companion Mode Allows QUICC To Be an MC68040 Companion
For More Information On This Product,
Go to: www.freescale.com
Freescale Semiconductor


Número de pieza similar - MC68360AI25VL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68360AD FREESCALE-MC68360AD Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller (QUICC??
More results

Descripción similar - MC68360AI25VL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68360 MOTOROLA-MC68360 Datasheet
2Mb / 962P
QUad Integrated Communications Controller Users Manual
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
IrDA Communication Controller
logo
Motorola, Inc
MC68360UMAD MOTOROLA-MC68360UMAD Datasheet
159Kb / 28P
Errata and Added Information to MC68360 Quad Integrated Communication Controller User Manual Rev 1
logo
ATMEL Corporation
TS68EN360 ATMEL-TS68EN360 Datasheet
874Kb / 82P
32-bitQuad Integrated Communication Controller
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
ATM communication controller
logo
ATMEL Corporation
TSPC860 ATMEL-TSPC860 Datasheet
1Mb / 93P
Integrated Communication Processor
logo
Freescale Semiconductor...
MC68360EM25VL FREESCALE-MC68360EM25VL Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller (QUICC??
MC68360TUT FREESCALE-MC68360TUT Datasheet
875Kb / 18P
TUTORIAL A QUICC-START
MC68EN360EM33L FREESCALE-MC68EN360EM33L Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller (QUICC??
MC68EN360AI25VL FREESCALE-MC68EN360AI25VL Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com