| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KBPC1501 Datasheet(PDF) 4 Page - First Components International |
|
|
|||||||||||||||||||||||||||||
KBPC1501 Datasheet(HTML) 4 Page - First Components International |
|
4 / 4 page ![]() Ordering Information FCIS KBPC Series of Bridges Can Be Ordered with Options on Terminals and Case Materials. How To Specify Case Material and Terminal Options: n For Metal Case, Order Suffix (1) M n For Plastic Case, Order Suffix (1) P n For Faston Terminals, Order Suffix (2) F n For Wire Lead Terminals, Order Suffix (2) W KBPC Series Examples To Order a 25 Amp, 400 Volt Bridge with Faston Leads and a Plastic Case: Specify - KBPC2504PF . . . Where P = Plastic and F = Faston Terminals Case - Metal or Molded Plastic Terminals - Plated .25" Faston or Plated Copper Wire Leads .040" Diameter Weight - 0.706 Ounces, 20 Grams Mounting Position - Any with Bolt Down with Silicone Thermal Compound Between Bridge and Mounting Surface for Optimum Heat Transfer Mounting Torque - 20 Inch Pound Max To Order a 35 Amp, 800 Volt Bridge with Wire Leads and a Metal Case: Specify - KBPC3508MW . . . Where M = Metal and W = Wire Leads (Terminals) To Order a 15 Amp, 200 Volt, UL Recognized Bridge with Wire Leads and a Plastic Case: Specify - KBPC1502PWU . . . Where P = Plastic and W = Wire Leads (Terminals) and U = UL Recognized NOTE: Fast Recovery Bridges (Diodes) Are Available; Please Contact FCI Components. KBPC - S Series Examples To Order Bridges with the In-Line Pin Configuration, Select the Current and Voltage Desired and Add S as the Suffix, as shown in the following example. To Order a 35 Amp, 800 Volt Bridge with In-Line Wire Leads: Specify - KBPC3508S . . . Where S = In-Line Wire Lead Terminals DC Out AC In 1 5Amps Single Phase Silicon Bridge |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |