| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM339ADE4 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM339ADE4 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LM139AJB ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8773901CA LM139AJB LM139AN OBSOLETE PDIP N 14 TBD Call TI Call TI -55 to 125 LM139AW ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 LM139AW LM139AWB ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8773901DA LM139AWB LM139D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 LM139FK LM139FKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 77008012A LM139FKB LM139J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 LM139J LM139JB ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 7700801CA LM139JB LM139N OBSOLETE PDIP N 14 TBD Call TI Call TI -55 to 125 LM139W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 LM139W LM139WB ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 7700801DA LM139WB LM239AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |