Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L151C6 Datasheet(PDF) 41 Page - STMicroelectronics

No. de pieza STM32L151C6
Descripción Electrónicos  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32L151C6 Datasheet HTML 37Page - STMicroelectronics STM32L151C6 Datasheet HTML 38Page - STMicroelectronics STM32L151C6 Datasheet HTML 39Page - STMicroelectronics STM32L151C6 Datasheet HTML 40Page - STMicroelectronics STM32L151C6 Datasheet HTML 41Page - STMicroelectronics STM32L151C6 Datasheet HTML 42Page - STMicroelectronics STM32L151C6 Datasheet HTML 43Page - STMicroelectronics STM32L151C6 Datasheet HTML 44Page - STMicroelectronics STM32L151C6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 121 page
background image
Table 10.
Alternate function input/output
Port
name
Digital alternate function number
AFIO0
AFIO1
AFIO2
AFIO3
AFIO4
AFIO5
AFOI6 AFIO7 AFIO8 AFIO9 AFIO10 AFIO11 AFIO12 AFIO13 AFIO14 AFIO15
Alternate function
SYSTEM
TIM2
TIM3/4
TIM9/10/11
I2C1/2
SPI1/2
N/A
USART
1/2/3
N/A
N/A
USB
LCD
N/A
N/A
RI
SYSTEM
BOOT0
BOOT0
NRST
NRST
PA0-WKUP1 WKUP1
TIM2_CH1_
ETR
USART2_
CTS
TIMx_IC1
EVENTOUT
PA1
TIM2_CH2
USART2_
RTS
[SEG0]
TIMx_IC2
EVENTOUT
PA2
TIM2_CH3
TIM9_CH1
USART2_
TX
[SEG1]
TIMx_IC3
EVENTOUT
PA3
TIM2_CH4
TIM9_CH2
USART2_
RX
[SEG2]
TIMx_IC4
EVENTOUT
PA4
SPI1_NSS
USART2_
CK
TIMx_IC1
EVENTOUT
PA5
TIM2_CH1_
ETR
SPI1_SCK
TIMx_IC2
EVENTOUT
PA6
TIM3_CH1 TIM10_CH1
SPI1_MISO
[SEG3]
TIMx_IC3
EVENTOUT
PA7
TIM3_CH2 TIM11_CH1
SPI1_MOSI
[SEG4]
TIMx_IC4
EVENTOUT
PA8
MCO
USART1_
CK
[COM0]
TIMx_IC1
EVENTOUT
PA9
USART1_
TX
[COM1]
TIMx_IC2
EVENTOUT
PA10
USART1_
RX
[COM2]
TIMx_IC3
EVENTOUT
PA11
SPI1_MISO
USART1_
CTS
DM
TIMx_IC4
EVENTOUT
PA12
SPI1_MOSI
USART1_
RTS
DP
TIMx_IC1
EVENTOUT
PA13
JTMS-SWDAT
TIMx_IC2
EVENTOUT
PA14
JTCK-SWCLK
TIMx_IC3
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com