Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3CH200LEX Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

No. de pieza PI3CH200LEX
Descripción Electrónicos  2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH200LEX Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3CH200LEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH200LEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH200LEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH200LEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH200LEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH200LEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH200LEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-03-0014
PT0479
03/22/13
7
PI3CH200
2-Bit Bus Switch, Enable Low1.8V/2.5V/
3.3V, High-Bandwidth, Hot Plug
Mechanical Information
8-Pin TSSOP(L)
SYMBOL
MIN
MAX
A
1.20
A1
0.02
0.15
A2
0.80
1.00
b
0.19
0.30
c
0.09
0.20
D
2.90
3.10
E
4.30
4.50
E1
6.25
6.55
e
L
0.50
0.70
θ
PKG.
DIMENSIONS(MM)
0.65 BSC
Note:
1) Controlling dimensions in millimeters.
Ordering Information
Part No.
Package Cede
Package
PI3CH200LE
L
Lead free and Green 8-Pin TSSOP
Note:
E = Pb-free or Pb-free & Green
Adding X Suffix= Tape/Reel
Pericom Semiconductor Corporation  1-800-435-2336  www.pericom.com
Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply
the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The
company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com