| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L151CB Datasheet(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151CB Datasheet(HTML) 69 Page - STMicroelectronics |
|
69 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 69/121 Figure 16. HSE oscillator circuit diagram 1. REXT value depends on the crystal characteristics. Low-speed external clock generated from a crystal/ceramic resonator The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal/ceramic resonator oscillator. All the information given in this paragraph are based on characterization results obtained with typical external components specified in Table 29. In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package, accuracy). Table 29. LSE oscillator characteristics (fLSE = 32.768 kHz) (1) 1. Based on characterization, not tested in production. Symbol Parameter Conditions Min Typ Max Unit fLSE Low speed external oscillator frequency 32.768 kHz RF Feedback resistor 1.2 M Ω C(2) 2. Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator design guide for ST microcontrollers”. Recommended load capacitance versus equivalent serial resistance of the crystal (RS) (3) 3. The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value for example MSIV-TIN32.768kHz. Refer to crystal manufacturer for more details; RS = 30 kΩ 8pF ILSE LSE driving current VDD = 3.3 V, VIN = VSS 1.1 µA IDD (LSE) LSE oscillator current consumption VDD = 1.8 V 450 nA VDD = 3.0 V 600 VDD = 3.6V 750 gm Oscillator transconductance 3 µA/V tSU(LSE) (4) 4. tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768 kHz oscillation is reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer. Startup time VDD is stabilized 1 s OSC_OUT OSC_IN fHSE to core CL1 CL2 RF STM32 Resonator Consumption control gm Rm Cm Lm CO Resonator ai18235 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |